Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 149 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 149 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 145Page - Renesas Technology Corp SH7014 Datasheet HTML 146Page - Renesas Technology Corp SH7014 Datasheet HTML 147Page - Renesas Technology Corp SH7014 Datasheet HTML 148Page - Renesas Technology Corp SH7014 Datasheet HTML 149Page - Renesas Technology Corp SH7014 Datasheet HTML 150Page - Renesas Technology Corp SH7014 Datasheet HTML 151Page - Renesas Technology Corp SH7014 Datasheet HTML 152Page - Renesas Technology Corp SH7014 Datasheet HTML 153Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 115 of 716
REJ09B0398-0500
Bits 3 to 0
⎯CS Space DMA Single Address Mode Access Wait Specification (DSW3, DSW2,
DSW1, DSW0): Specifies the number of waits for CS space access (0 to 15) during DMA single
address mode accesses. These bits are independent of the W bits of the WCR1.
Bit 3
DSW3
Bit 2
DSW2
Bit 1
DSW1
Bit 0
DSW0
Description
0
0
0
0
No wait (external wait input disabled)
0
0
0
1
1 wait (external wait input enabled)
⋅⋅⋅
1
1
1
1
15 wait (external wait input enabled)
(initial value)
8.2.5
DRAM Area Control Register (DCR)
DCR is a 16-bit read/write register that selects the number of waits, operation mode, number of
address multiplex shifts and the like for DRAM control.
After a power-on reset, write the initial values to the bits in DCR and do not change the values
afterward.
Do not perform any DRAM space accesses before DCR initial settings are completed.
DCR is initialized by power-on resets to H'0000, but is not initialized by software standbys.
Bit:
15
14
13
12
11
10
9
8
TPC
RCD
TRAS1
TRAS0
DWW1
DWW0
DWR1
DWR0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
DIW
⎯
BE
RASD
⎯
SZ0
AMX1
AMX0
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R
R/W
R/W
R
R/W
R/W
R/W
Bit 15
⎯RAS Precharge Cycle Count (TPC): Specifies the minimum number of cycles after
RAS is negated before next assert.
Bit 15
TPC
Description
0
1.5 cycles
(initial value)
1
2.5 cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com