Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 163Page - Renesas Technology Corp SH7014 Datasheet HTML 164Page - Renesas Technology Corp SH7014 Datasheet HTML 165Page - Renesas Technology Corp SH7014 Datasheet HTML 166Page - Renesas Technology Corp SH7014 Datasheet HTML 167Page - Renesas Technology Corp SH7014 Datasheet HTML 168Page - Renesas Technology Corp SH7014 Datasheet HTML 169Page - Renesas Technology Corp SH7014 Datasheet HTML 170Page - Renesas Technology Corp SH7014 Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 133 of 716
REJ09B0398-0500
8.4.4
Burst Operation
High-Speed Page Mode: When the burst enable bit (BE) of the DCR is set, burst accesses can be
performed using high speed page mode. The timing is shown in figure 8.12. Wait cycles can be
inserted during burst accesses by using the DCR.
Tp
Tc1
Tc2
Tc1
Tc2
Tr
CK
Write
Read
Address
Data
RAS
CASx
RDWR
Data
RDWR
CASx
RAS
Row
Column
Column
Figure 8.12 DRAM Bus Cycle (High-Speed Page Mode)
RAS Down Mode: There are some instances where even if burst operation is selected, continuous
accesses to DRAM will not occur, but another space will be accessed instead part way through the
access. In such cases, if the
RAS signal is maintained at low level during the time the other space
is accessed, it is possible to continue burst operation at the time the next DRAM same row address
is accessed. This is called RAS down mode.
To use RAS down mode, set both the BE and RASD bits of the DCR to 1.
Figures 8.13 and 8.14 show operation in RAS up and down modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com