Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 170 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 170 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 166Page - Renesas Technology Corp SH7014 Datasheet HTML 167Page - Renesas Technology Corp SH7014 Datasheet HTML 168Page - Renesas Technology Corp SH7014 Datasheet HTML 169Page - Renesas Technology Corp SH7014 Datasheet HTML 170Page - Renesas Technology Corp SH7014 Datasheet HTML 171Page - Renesas Technology Corp SH7014 Datasheet HTML 172Page - Renesas Technology Corp SH7014 Datasheet HTML 173Page - Renesas Technology Corp SH7014 Datasheet HTML 174Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 136 of 716
REJ09B0398-0500
CK
CASx
RAS
TRp
TRr1
TRr2
TRc
TRc
Figure 8.16 Self-Refresh Timing
8.5
Address/Data Multiplex I/O Space Access
When the BCR1 register IOE bit is set to 1, the D15 to D0 pins can be used for multiplexed
address/data I/O for the CS3 space. Consequently, peripheral LSIs requiring address/data
multiplexing can be directly connected to this LSI.
Address/data multiplex I/O space bus width is selected by the A14 bit, and is 8 bit when A14 = 0
and 16 bit when A14 = 1.
8.5.1
Basic Timing
When the IOE bit of the BCR1 is set to 1, CS3 space becomes address/data multiplex I/O space.
When this space is accessed, addresses and data are multiplexed. When the A14 address bit is 0,
the bus size becomes 8 bit and addresses and data are input and output through the D7 to D0 pins.
When the A14 address bit is 1, the bus size becomes 16 bit and address output and data I/O occur
through the D15 to D0 pins. Access for the address/data multiplex I/O space is controlled by the
AH, RD and WRx signals.
Address/data multiplex I/O space accesses are done after a 3-cycle (fixed) address output, as an
ordinary space type access (figure 8.17).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com