Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 170Page - Renesas Technology Corp SH7014 Datasheet HTML 171Page - Renesas Technology Corp SH7014 Datasheet HTML 172Page - Renesas Technology Corp SH7014 Datasheet HTML 173Page - Renesas Technology Corp SH7014 Datasheet HTML 174Page - Renesas Technology Corp SH7014 Datasheet HTML 175Page - Renesas Technology Corp SH7014 Datasheet HTML 176Page - Renesas Technology Corp SH7014 Datasheet HTML 177Page - Renesas Technology Corp SH7014 Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 140 of 716
REJ09B0398-0500
8.6
Waits between Access Cycles
When a read from a slow device is completed, data buffers may not go off in time to prevent data
conflicts with the next access. If there is a data conflict during memory access, the problem can be
solved by inserting a wait in the access cycle.
To enable detection of bus cycle starts, waits can be inserted between access cycles during
continuous accesses of the same CS space by negating the
CSn signal once.
8.6.1
Prevention of Data Bus Conflicts
For the two cases of write cycles after read cycles, and read cycles for a different area after read
cycles, waits are inserted so that the number of idle cycles specified by the IW31 to IW00 bits of
the BCR2 and the DIW of the DCR occur. When idle cycles already exist between access cycles,
only the number of empty cycles remaining beyond the specified number of idle cycles are
inserted.
Figure 8.20 shows an example of idles between cycles. In this example, 1 idle between CSn space
cycles has been specified, so when a CSm space write immediately follows a CSn space read
cycle, 1 idle cycle is inserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com