Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 270 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 270 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 266Page - Renesas Technology Corp SH7014 Datasheet HTML 267Page - Renesas Technology Corp SH7014 Datasheet HTML 268Page - Renesas Technology Corp SH7014 Datasheet HTML 269Page - Renesas Technology Corp SH7014 Datasheet HTML 270Page - Renesas Technology Corp SH7014 Datasheet HTML 271Page - Renesas Technology Corp SH7014 Datasheet HTML 272Page - Renesas Technology Corp SH7014 Datasheet HTML 273Page - Renesas Technology Corp SH7014 Datasheet HTML 274Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 270 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 236 of 716
REJ09B0398-0500
Procedure for Setting Buffer Mode (Figure 10.18):
1. Use the timer I/O control register (TIOR) to set the TGR as either an input capture or output
compare register.
2. Use the timer mode register (TMDR) BFA, and BFB bits to set the TGR for buffer mode.
3. Set the CST bit in the TSTR to 1 to start the count operation.
1
2
3
Select TGR function
Buffer mode
Select buffer mode
Start counting
Buffer mode
Figure 10.18 Buffer Operation Setting Procedure
Buffer Operation Examples
⎯when TGR Is an Output Compare Register: Figure 10.19
shows an example of channel 0 set to PWM mode 1, and the TGRA and TGRC registers set for
buffer operation.
The TCNT counter is cleared by a compare-match B, and the output is a 1 upon compare-match A
and 0 output upon compare-match B. Because buffer mode is selected, a compare-match A
changes the output, and the buffer register TGRC value is simultaneously transferred to the
general register TGRA. This operation is repeated with each occurrence of a compare-match A.
See section 10.4.6, PWM Mode, for details on the PWM mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com