Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7014 Datasheet(PDF) 273 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 273 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 269Page - Renesas Technology Corp SH7014 Datasheet HTML 270Page - Renesas Technology Corp SH7014 Datasheet HTML 271Page - Renesas Technology Corp SH7014 Datasheet HTML 272Page - Renesas Technology Corp SH7014 Datasheet HTML 273Page - Renesas Technology Corp SH7014 Datasheet HTML 274Page - Renesas Technology Corp SH7014 Datasheet HTML 275Page - Renesas Technology Corp SH7014 Datasheet HTML 276Page - Renesas Technology Corp SH7014 Datasheet HTML 277Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 273 / 754 page
background image
10. Multifunction Timer Pulse Unit (MTU)
Rev.5.00 Sep. 27, 2007 Page 239 of 716
REJ09B0398-0500
Procedure for Setting Cascade Connection Mode (Figure 10.21):
1. Set the TPSC2 to TPSC 0 bits of the channel 1 timer control register (TCR) to B'111 to select
“count by TCNT2 overflow/underflow.”
2. Set the CST bits corresponding to the upper and lower 16 bits in the TSTR to 1 to start the
count operation.
Cascade connection operation
Select cascade connection
Start counting
Cascade connection operation
1
2
Figure 10.21 Procedure for Selecting Cascade Connection Mode
Cascade Connection Operation Examples
⎯Phase Counting Mode: Figure 10.22 shows an
example of operation when the TCNT1 counter is set to count on TCNT2 overflow/underflow and
channel 2 is set to phase counting mode.
The TCNT1 counter increments with a TCNT2 counter overflow and decrements with a TCNT2
underflow.
TCLKA
TCLKB
TCNT2
FFFD
FFFF
FFFF
FFFE
0000
0001
0001
0000
0002
TCNT1
0000
0000
0001
Figure 10.22 Cascade Connection Operation Example (Phase Counting Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com