Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7018 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 53Page - Renesas Technology Corp SH7018 Datasheet HTML 54Page - Renesas Technology Corp SH7018 Datasheet HTML 55Page - Renesas Technology Corp SH7018 Datasheet HTML 56Page - Renesas Technology Corp SH7018 Datasheet HTML 57Page - Renesas Technology Corp SH7018 Datasheet HTML 58Page - Renesas Technology Corp SH7018 Datasheet HTML 59Page - Renesas Technology Corp SH7018 Datasheet HTML 60Page - Renesas Technology Corp SH7018 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 431 page
background image
41
Section 3 Operating Modes
3.1
Operating Mode Selection
The SH7018 has four operating modes: MCU mode, boot mode, user program mode, and
programmer mode. The settings of the mode pins (MD3 to MD0) determine the mode in which the
chip operates. The mode pin settings must not be changed while the chip is operating (while power
is being supplied).
The method of selecting the operating mode is shown in table 3.1.
Table 3.1
Operating Mode Selection
Pin Settings
FWP
MD3*
1
MD2*
1
MD1
MD0
Operating Mode
On-Chip ROM CS0 Bus Width
10010
MCU mode
Enabled
8 bits*
2
00000
Boot mode*
1
Enabled
8 bits*
2
00010
User program mode*
1
Enabled
8 bits*
2
11101
Programmer mode*
1
Enabled
—
Notes: 1. F-ZTAT version only.
2. Set using BCR1 of BSC.
3.2
Description of Operating Modes
MCU Mode: The on-chip ROM is enabled in the MCU mode. The bus width for the on-chip
ROM space is 32 bits.
Boot Mode: Refer to section 16.6.1 Boot Mode for information on the boot mode.
User Program Mode: Refer to section 16.6.2 User Program Mode for information on the user
program mode.
Programmer Mode: Refer to section 16.11 Flash Memory Programmer Mode for information on
the programmer mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com