Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7018 Datasheet(PDF) 84 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 84 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 80Page - Renesas Technology Corp SH7018 Datasheet HTML 81Page - Renesas Technology Corp SH7018 Datasheet HTML 82Page - Renesas Technology Corp SH7018 Datasheet HTML 83Page - Renesas Technology Corp SH7018 Datasheet HTML 84Page - Renesas Technology Corp SH7018 Datasheet HTML 85Page - Renesas Technology Corp SH7018 Datasheet HTML 86Page - Renesas Technology Corp SH7018 Datasheet HTML 87Page - Renesas Technology Corp SH7018 Datasheet HTML 88Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 431 page
background image
68
• Bits 7 to 4, 1, and 0—IRQ0 to IRQ3, IRQ6, and IRQ7 Sense Select (IRQ0S to IRQ3S, IRQ6S,
IRQ7S): These bits set the IRQ0 to IRQ7 interrupt request detection mode.
Bits 7 to 4, 1, 0:
IRQ0S to IRQ3S,
IRQ6S, IRQ7S
Description
0
Interrupt request is detected on low level of IRQ input
(Initial value)
1
Interrupt request is detected on falling edge of IRQ input
• Bits 3 and 2—Reserved: These bits always read as 0. The write value should always be 0.
6.3.3
IRQ Status Register (ISR)
The ISR is a 16-bit register that indicates the interrupt request status of the external interrupt input
pins
IRQ0 to IRQ3, IRQ6, and IRQ7. When IRQ interrupts are set to edge detection, held interrupt
requests can be withdrawn by writing a 0 to IRQnF after reading an IRQnF = 1.
A power-on reset initializes ISR. It is not initialized in the standby mode.
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
0
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
IRQ0F
IRQ1F
IRQ2F
IRQ3F
—
—
IRQ6F
IRQ7F
Initial value:
0
0
0
0
0
0
0
0
R/W:
R/W
R/W
R/W
R/W
R
R
R/W
R/W
• Bits 15 to 8, 3, and 2—Reserved: These bits are always read as 0. The write value should
always be 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com