Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH7018 Datasheet(PDF) 96 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 96 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 92Page - Renesas Technology Corp SH7018 Datasheet HTML 93Page - Renesas Technology Corp SH7018 Datasheet HTML 94Page - Renesas Technology Corp SH7018 Datasheet HTML 95Page - Renesas Technology Corp SH7018 Datasheet HTML 96Page - Renesas Technology Corp SH7018 Datasheet HTML 97Page - Renesas Technology Corp SH7018 Datasheet HTML 98Page - Renesas Technology Corp SH7018 Datasheet HTML 99Page - Renesas Technology Corp SH7018 Datasheet HTML 100Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 431 page
background image
80
7.2
Description of Registers
7.2.1
Bus Control Register 1 (BCR1)
Bit:
15
14
13
12
11
10
9
8
——
——
———
—
Initial value:
0
0
1
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R
Bit:
7
6
5
4
3
2
1
0
—
—
—
—
A3SZ
A2SZ
A1SZ
A0SZ
Initial value:
0
0
0
0
1
1
1
1
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
Note:
Never write 1 to bits 4 to 7; doing so can result in unstable operation.
Bus control register 1 (BCR1) is a 16-bit readable/writeable register that specifies the bus size for
each CS space. Note that this chip requires that byte bus size (8 bits).
Initial settings should be written to bits 8 to 0 of BCR1 following a power-on reset, and the values
should then be left unchanged. Also, the CS spaces should not be accessed until initial setting of
the registers has been completed.
BCR1 is initialized to H'200F by a power-on reset. It is not initialized in the standby mode.
• Bits 15, 14, and 12 to 4—Reserved: These bits are always read as 0. The write value should
always be 0.
• Bit 13—Reserved: This bit is always read as 1. The write value should always be 1.
• Bit 3—CS3 Space Size Specification (A3SZ): Specifies the bus size for CS3. The SH7018
requires a byte bus size, so this bit must always be set to 0.
Bit 3: A3SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(Initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com