Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 121Page - Renesas Technology Corp 7721 Datasheet HTML 122Page - Renesas Technology Corp 7721 Datasheet HTML 123Page - Renesas Technology Corp 7721 Datasheet HTML 124Page - Renesas Technology Corp 7721 Datasheet HTML 125Page - Renesas Technology Corp 7721 Datasheet HTML 126Page - Renesas Technology Corp 7721 Datasheet HTML 127Page - Renesas Technology Corp 7721 Datasheet HTML 128Page - Renesas Technology Corp 7721 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–6
8.2 Block description
8.2.3 Timer Ai mode register
Figure 8.2.3 shows the structure of the timer Ai mode register. The operating mode select bits are used
to select the operating mode of Timer Ai. Bits 2 to 7 have different functions according to the operating
mode. These bits are described in the paragraph of each operating mode.
Fig. 8.2.3 Structure of timer Ai mode register
Bit
7
5
4
3
1
Bit name
At reset
0
0
0
0
0
0
0
0
RW
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Timer Ai mode register (i = 0 to 4) (Addresses 5616 to 5A16)
0 0 : Timer mode
0 1 : Event counter mode
1 0 : One-shot pulse mode
1 1 : Pulse width modulation (PWM) mode
b1 b0
These bits have different functions according to the operating mode.
Operating mode select bits
6
2
0
RW
RW
RW
RW
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com