Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 122Page - Renesas Technology Corp 7721 Datasheet HTML 123Page - Renesas Technology Corp 7721 Datasheet HTML 124Page - Renesas Technology Corp 7721 Datasheet HTML 125Page - Renesas Technology Corp 7721 Datasheet HTML 126Page - Renesas Technology Corp 7721 Datasheet HTML 127Page - Renesas Technology Corp 7721 Datasheet HTML 128Page - Renesas Technology Corp 7721 Datasheet HTML 129Page - Renesas Technology Corp 7721 Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 577 page
background image
TIMER A
7721 Group User’s Manual
8–7
8.2 Block description
8.2.4 Timer Ai interrupt control register
Figure 8.2.4 shows the structure of the timer Ai interrupt control register. For details about interrupts, refer
to “CHAPTER 7. INTERRUPTS.”
Fig. 8.2.4 Structure of timer Ai interrupt control register
(1)
Interrupt priority level select bits (bits 2 to 0)
These bits select a timer Ai interrupt’s priority level. When using timer Ai interrupts, select one of the
priority levels (1 to 7). When a timer Ai interrupt request occurs, its priority level is compared with
the processor interrupt priority level (IPL). The requested interrupt is enabled only when its priority
level is higher than the IPL. (However, this applies when the interrupt disable flag (I) = “0.”) To
disable timer Ai interrupts, set these bits to “0002” (level 0).
(2)
Interrupt request bit (bit 3)
This bit is set to “1” when a timer Ai interrupt request occurs. This bit is automatically cleared to “0”
when the timer Ai interrupt request is accepted. This bit can be set to “1” or cleared to “0” by
software.
b7
b6
b5
b4
b3
b2
b1
b0
Timer Ai interrupt control register (i = 0 to 4) (Addresses 7516 to 7916)
Bit
7 to 4
Interrupt request bit
2
1
0
Bit name
At reset
0
RW
Functions
0 0 0 : Level 0 (Interrupt disabled)
0 0 1 : Level 1
0 1 0 : Level 2
0 1 1 : Level 3
1 0 0 : Level 4
1 0 1 : Level 5
1 1 0 : Level 6
1 1 1 : Level 7
b2 b1 b0
0 : No interrupt requested
1 : Interrupt requested
Interrupt priority level
select bits
3
RW
RW
RW
RW
–
Undefined
0
0
0
Nothing is assigned.
Low level
High level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com