Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 266 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 266 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 262Page - Renesas Technology Corp 7721 Datasheet HTML 263Page - Renesas Technology Corp 7721 Datasheet HTML 264Page - Renesas Technology Corp 7721 Datasheet HTML 265Page - Renesas Technology Corp 7721 Datasheet HTML 266Page - Renesas Technology Corp 7721 Datasheet HTML 267Page - Renesas Technology Corp 7721 Datasheet HTML 268Page - Renesas Technology Corp 7721 Datasheet HTML 269Page - Renesas Technology Corp 7721 Datasheet HTML 270Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 577 page
background image
7721 Group User’s Manual
12–15
A-D CONVERTER
12.5 One-shot mode
Fig. 12.5.1 Initial setting example for registers relevant to one-shot mode
b7
b0
A-D control register (address 1E16)
00
0
0 0 0 : AN0 selected
0 0 1 : AN1 selected
0 1 0 : AN2 selected
0 1 1 : AN3 selected
1 0 0 : AN4 selected
1 0 1 : AN5 selected
1 1 0 : AN6 selected
1 1 1 : AN7 selected
b1 b0
b2
Trigger select bit
0 : Internal trigger
1 : External trigger
A-D conversion start bit
0: Stop A-D conversion
Analog input select bits
A-D conversion frequency ( AD)
select bit
0 : f2 divided by 4
1 : f2 divided by 2
qA-D control register
One-shot mode
Note : Writing to each bit (except bit 6) of the A-D control register must be performed
while the A-D converter halts (before a trigger occurs).
qInterrupt priority level
b7
b0
A-D conversion interrupt control register (address 7016)
Interrupt priority level select bits
Set to a level between 1 to 7 when using this interrupt.
Set to a level 0 when disabling this interrupt.
qSet A-D conversion start bit to “1”
b7
b0
A-D control register (address 1E16)
1
A-D conversion start bit
When external trigger is selected
When internal trigger is selected
Input falling edge to
ADTRG pin
Trigger occur
Operation start
b7
b0
Port P7 direction register (address 1116)
qPort P7 direction register
Set the bits corresponding
to analog input pins to “0.”
Set bit 7 to “0” when
selecting external trigger.
AN1
AN2
AN3
AN5
AN6
AN7
AN4
AN0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com