Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 269 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 269 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 265Page - Renesas Technology Corp 7721 Datasheet HTML 266Page - Renesas Technology Corp 7721 Datasheet HTML 267Page - Renesas Technology Corp 7721 Datasheet HTML 268Page - Renesas Technology Corp 7721 Datasheet HTML 269Page - Renesas Technology Corp 7721 Datasheet HTML 270Page - Renesas Technology Corp 7721 Datasheet HTML 271Page - Renesas Technology Corp 7721 Datasheet HTML 272Page - Renesas Technology Corp 7721 Datasheet HTML 273Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 269 / 577 page
background image
7721 Group User’s Manual
12–18
A-D CONVERTER
12.6 Repeat mode
Fig. 12.6.1 Initial setting example for registers relevant to repeat mode
b7
b0
Port P7 direction register (address 1116)
qPort P7 direction register
Set the bits corresponding
to analog input pins to “0.”
Set bit 7 to “0” when
selecting external trigger.
qSet A-D conversion start bit to “1”
b7
b0
A-D control register (address 1E16)
1
A-D conversion start bit
When external trigger is selected
When internal trigger is
selected
Trigger occur
Operation start
Note : Writing to each bit (except bit 6) of the A-D control register must be performed while the A-D
converter halts (before a trigger occurs).
Input falling edge to
ADTRG pin
AN0
AN1
AN2
AN3
AN4
AN5
AN6
AN7
b7
b0
A-D control register (address 1E16)
01
0
0 0 0 : AN0 selected
0 0 1 : AN1 selected
0 1 0 : AN2 selected
0 1 1 : AN3 selected
1 0 0 : AN4 selected
1 0 1 : AN5 selected
1 1 0 : AN6 selected
1 1 1 : AN7 selected
b2
A-D conversion start bit
0: Stop A-D conversion
Analog input select bits
A-D conversion frequency ( AD)
select bit
qA-D control register
Repeat mode
Trigger select bit
0 : Internal trigger
1 : External triggeer
0 : f2 divided by 4
1 : f2 divided by 2
b1 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com