Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 289 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 289 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 285Page - Renesas Technology Corp 7721 Datasheet HTML 286Page - Renesas Technology Corp 7721 Datasheet HTML 287Page - Renesas Technology Corp 7721 Datasheet HTML 288Page - Renesas Technology Corp 7721 Datasheet HTML 289Page - Renesas Technology Corp 7721 Datasheet HTML 290Page - Renesas Technology Corp 7721 Datasheet HTML 291Page - Renesas Technology Corp 7721 Datasheet HTML 292Page - Renesas Technology Corp 7721 Datasheet HTML 293Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 289 / 577 page
background image
7721 Group User’s Manual
13-10
DMA CONTROLLER
Fig. 13.2.4 Structure of DMAC control register L
13.2 Block description
13.2.2 DMAC control register L
Figure 13.2.4 shows the structure of DMAC control register L. Bit 0 is described in section “13.3.3 Channel
priority levels,” and bits 4–7 are also in section “13.3.2 DMA requests.”
(1)
___
TC
pin validity bit (Bit 1)
___
___
When this bit is set to “1,” port P103 functions as the TC pin. The TC pin is of an N-channel open-
drain type and provides the following functions:
q Terminal count signal output
When the transfer of an entire batch of data is normally terminated, the pin outputs “L” for 1
cycle of
φ. (Refer to section “13.3.5 (1) Normal termination.”)
q Forced termination signal input
___
When the TC pin’s input level goes from “H” to “L” during DMA transfer, this DMA transfer is forced
into termination. (Refer to section “13.3.5 (2) Forced termination.”)
Notes 1: The state of bits 4 to 7 is not changed when writing “1” to these bits.
2: • When writing to this register while any of DMAi enable bits (bits 4 to 7 at address
6916) is “1,” use the LDM or STA instruction in m flag = “1.” When DMAi request bit
(bits 4 to 7 at address 6816) must not be changed, set DMAi request bit to “1.”
• When writing to this register while all of DMAi enable bits (bits 4 to 7 at address 6916)
are “0,” m flag may be “0” or “1.” Use the LDM or STA instruction for writing to this
register. When DMAi request bit (bits 4 to 7 at address 6816) must not be changed,
set DMAi request bit to “1.”
0 : Fixed
1 : Rotating
Bit
Bit name
Functions
At reset
RW
0
1
Priority select bit
Undefined
0
0 : No request
1 : Requested (Note 1)
0
DMAC control register L (Address 6816)
b1
b0
b2
b3
b4
b5
b6
b7
RW
RW
3, 2
0
RW
0
RW
TC pin validity bit
0 : Invalid
(P103 pin functions as a
programmable I/O port (CMOS).)
1 : Valid
(P103 pin functions as TC pin (N-
channel open-drain).)
Nothing is assigned.
–
4
5
6
7
DMA0 request bit
DMA1 request bit
DMA2 request bit
DMA3 request bit
0RW
0
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com