Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7721 Datasheet(PDF) 291 Page - Renesas Technology Corp

Part # 7721
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  577 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7721 Datasheet(HTML) 291 Page - Renesas Technology Corp

Back Button 7721 Datasheet HTML 287Page - Renesas Technology Corp 7721 Datasheet HTML 288Page - Renesas Technology Corp 7721 Datasheet HTML 289Page - Renesas Technology Corp 7721 Datasheet HTML 290Page - Renesas Technology Corp 7721 Datasheet HTML 291Page - Renesas Technology Corp 7721 Datasheet HTML 292Page - Renesas Technology Corp 7721 Datasheet HTML 293Page - Renesas Technology Corp 7721 Datasheet HTML 294Page - Renesas Technology Corp 7721 Datasheet HTML 295Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 291 / 577 page
background image
7721 Group User’s Manual
13-12
DMA CONTROLLER
13.2 Block description
13.2.4 Source address register i (SARi)
Source address register i (hereafter called SARi) is a 24-bit register with a latch.
SARi indicates the transfer source address of the data to be transferred next.
The SARi latch has the following functions:
• Maintains the value written to the address of SARi (in the single transfer and repeat transfer modes).
• Indicates the start address of the transfer parameter memory of the next block (in the array chain
transfer and link array chain transfer modes).
When a value is written into the address of SARi, the same value is written into SARi and the SARi latch.
When writing a value to the address of SARi, all 24 bits must be written.
The contents of SARi can be read by reading the address of SARi; however, the value of the SARi latch
cannot be read. (Refer to “Tables 13.2.4 and 13.2.5.”)
13.2.5 Destination address register i (DARi)
Destination address register i (hereafter called DARi) is a 24-bit register with a latch.
DARi indicates the transfer destination address of the data to be transferred next.
The DARi latch maintains the value written to the address of DARi.
When a value is written into the address of DARi, the same value is written into DARi and the DARi latch.
When writing a value to the address of DARi, all 24 bits must be written.
The contents of DARi can be read by reading the address of DARi; however, the value of the DARi latch
cannot be read. (Refer to “Tables 13.2.4 and 13.2.5.”)
13.2.6 Transfer counter register i (TCRi)
Transfer counter register i (hereafter called TCRi) is a 24-bit register with a latch.
TCRi indicates the number of remaining bytes of the block under transfer.
The TCRi latch has the following functions:
• Maintains the value written to the address of TCRi (in the single transfer and repeat transfer modes).
• Indicates the number of remaining blocks (in the array chain transfer mode).
When a value is written into the address of TCRi, the same value is written into TCRi and the TCRi latch.
When writing a value to the address of TCRi, all 24 bits must be written.
The contents of TCRi can be read by reading the address of TCRi; however, the value of the TCRi latch
cannot be read. (Refer to “Tables 13.2.4 and 13.2.5.”)
Table 13.2.4 Addresses of SARi, DARi, and TCRi
Channel
0
1
2
3
Source address register i
(SARi)
1FC216–1FC016
1FD216–1FD016
1FE216–1FE016
1FF216–1FF016
Destination address
register i (DARi)
1FC616–1FC416
1FD616–1FD416
1FE616–1FE416
1FF616–1FF416
1FCA16–1FC816
1FDA16–1FD816
1FEA16–1FE816
1FFA16–1FF816
Transfer counter register i
(TCRi)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com