Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 613 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 613 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 609Page - Renesas Technology Corp 7733 Datasheet HTML 610Page - Renesas Technology Corp 7733 Datasheet HTML 611Page - Renesas Technology Corp 7733 Datasheet HTML 612Page - Renesas Technology Corp 7733 Datasheet HTML 613Page - Renesas Technology Corp 7733 Datasheet HTML 614Page - Renesas Technology Corp 7733 Datasheet HTML 615Page - Renesas Technology Corp 7733 Datasheet HTML 616Page - Renesas Technology Corp 7733 Datasheet HTML 617Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 613 / 940 page
background image
7733 Group User’s Manual
21-65
APPENDIX
Appendix 8. Countermeasure examples against noise
3. Wiring for analog input pins, analog power source pins, etc.
(1) Processing analog input pins
q Connect a resistor to the analog signal line, which is connected to an analog input pin, in series.
Additionally, connect the resistor to the microcomputer as close as possible.
q Connect a capacitor between pin AVss and the analog input pin, as close to pin AVss as possible.
Reason
A signal which is input to the analog input pin is usually an output signal from a sensor.
The sensor, which detects changes in status, is installed far from the printed circuit board. Therefore,
this long wiring between them becomes an antenna which picks up noise and feeds it into the
microcomputer.
If a capacitor between an analog input pin and pin AVss is grounded far away from pin AVss, noise
on the GND line may enter the microcomputer through the capacitor.
Fig. 17 Countermeasure example against noise for analog input pin using thermistor
ANi
AVss
Thermistor
Noise
M37733MHBXXXFP
RI
CI
Reference values @
RI: Approximate 100
Ω to 1000 Ω
CI: Approximate 100 pF to 1000 pF
Notes 1: Design an external circuit for pin ANi so that charge/discharge is available within
1 cycle of
AD
.
2: This resistor and the thermistor are used to divide resistance.
(Note 2 j
Not
acceptable
Acceptable
Acceptable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com