Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 610 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 610 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 606Page - Renesas Technology Corp 7733 Datasheet HTML 607Page - Renesas Technology Corp 7733 Datasheet HTML 608Page - Renesas Technology Corp 7733 Datasheet HTML 609Page - Renesas Technology Corp 7733 Datasheet HTML 610Page - Renesas Technology Corp 7733 Datasheet HTML 611Page - Renesas Technology Corp 7733 Datasheet HTML 612Page - Renesas Technology Corp 7733 Datasheet HTML 613Page - Renesas Technology Corp 7733 Datasheet HTML 614Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 610 / 940 page
background image
7733 Group User’s Manual
21-62
APPENDIX
(2) Wiring for clock I/O pins
q Make the length of wiring connected to clock
I/O pins as short as possible.
q Make the length of wiring between the
grounding lead of the capacitor, which is
connected to the oscillator and pin Vss of
the microcomputer, as short as possible (within
20 mm).
q Separate the Vss pattern only for oscillation
from all other Vss patterns. (Refer to Figure
21.)
Reason
The microcomputer’s operation synchronizes with
a clock generated by the oscillation circuit. If
noise enters clock I/O pins, clock waveforms
may be deformed. This may cause a malfunction
or a program runaway.
Also, if the noise causes a potential difference
between the Vss level of the microcomputer
and the Vss level of an oscillator, the correct
clock will not be input in the microcomputer.
(3) Wiring for pin CNVss
Connect pin CNVss to pin Vss with the shortest
possible wiring.
Reason
The processor mode of the microcomputer is
influenced by a potential at pin CNVss when
pin CNVSS and pin VSS are connected. If the
noise causes a potential difference between the
two pins, the processor mode may become
unstable. This may cause a malfunction or a
program runaway.
Fig. 13 Wiring for clock I/O pins
Fig. 14 Wiring for pin CNVss
Noise
CNVss
Vss
CNVss
Vss
Not acceptable
Acceptable
M37733MHBXXXFP
M37733MHBXXXFP
Noise
XIN
XOUT
Vss
XIN
XOUT
Vss
Not acceptable
Acceptable
M37733MHBXXXFP
M37733MHBXXXFP
Appendix 8. Countermeasure examples against noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com