Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 606 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 606 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 602Page - Renesas Technology Corp 7733 Datasheet HTML 603Page - Renesas Technology Corp 7733 Datasheet HTML 604Page - Renesas Technology Corp 7733 Datasheet HTML 605Page - Renesas Technology Corp 7733 Datasheet HTML 606Page - Renesas Technology Corp 7733 Datasheet HTML 607Page - Renesas Technology Corp 7733 Datasheet HTML 608Page - Renesas Technology Corp 7733 Datasheet HTML 609Page - Renesas Technology Corp 7733 Datasheet HTML 610Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 606 / 940 page
background image
7733 Group User’s Manual
21-58
APPENDIX
Appendix 7. Examples of handling unused pins
The following are examples of handling unused pins.
These are, however, just examples. In actual use, make the necessary adaptations and properly evaluate
performance according to the user’s application.
1. In single-chip mode
Table 1 Examples of handling unused pins in single-chip mode
Handling example
Connect these pins to pin Vcc or Vss via resistors after these
pins are set to the input mode, or leave these pins open after
they are set to the output mode (Note 1).
Leave this pin open.
Connect this pin to pin Vcc.
Connect these pins to pin Vss.
Pins
P0–P8
__
E
XOUT (Note 2)
AVcc
AVss, VREF, BYTE
Notes 1: When leaving these pins open after they are set to the output mode, note the following: these pins
function as input ports from reset until they are switched to the output mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
pins function as input ports.
Software reliability can be enhanced when the contents of the above ports’ direction registers are
set periodically. This is because these contents may be changed by noise, a program runaway
which occurs owing to noise, etc.
For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
2: This is applied when an external clock is input to pin XIN.
Appendix 7. Examples of handling unused pins
P0–P8
AVss
VREF
BYTE
Vss
AVcc
E
XOUT
Left open
When setting ports to input mode
VCC
P0–P8
AVss
VREF
BYTE
Vss
AVcc
E
XOUT
Left open
When setting ports to output mode
Left open
Vcc
Fig. 9 Examples of handling unused pins in single-chip mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com