Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 602 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 602 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 598Page - Renesas Technology Corp 7733 Datasheet HTML 599Page - Renesas Technology Corp 7733 Datasheet HTML 600Page - Renesas Technology Corp 7733 Datasheet HTML 601Page - Renesas Technology Corp 7733 Datasheet HTML 602Page - Renesas Technology Corp 7733 Datasheet HTML 603Page - Renesas Technology Corp 7733 Datasheet HTML 604Page - Renesas Technology Corp 7733 Datasheet HTML 605Page - Renesas Technology Corp 7733 Datasheet HTML 606Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 602 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21–54
Symbol
Functions
Details
IMP
IMM
A
DIR
DIR,b
DIR,X
DIR,Y
(DIR)
(DIR,X) (DIR),Y
op
n
op
op n
op n
n
op
op n
op nn
op
op
op
Addressing modes
Makes the contents of the specified bit in the memory “1.”
Makes the contents of the I flag “1.”
Makes the contents of the m flag “1.”
Set the specified bit of the processor status register's lower
byte (PSL) to “1.”
Stores the contents of the accumulator into the memory.
Stops the oscillation of the oscillator.
Stores the contents of the index register X into the memory.
Stores the contents of the index register Y into the memory.
Transmits the contents of the accumulator A to the direct
page register.
Transmits the contents of the accumulator A to the stack pointer.
Transmits the contents of the accumulator A to the index
register X.
Transmits the contents of the accumulator A to the index
register Y.
Transmits the contents of the accumulator B to the direct
page register.
Transmits the contents of the accumulator B to the stack
pointer.
Transmits the contents of the accumulator B to the index
register X.
Transmits the contents of the accumulator B to the index
register Y.
Transmits the contents of the direct page register to the
accumulator A.
Transmits the contents of the direct page register to the
accumulator B.
Makes the contents of the C flag “1.”
SEB
(Note 5)
Mb
←1
SEC
SEI
SEM
SEP
STA
(Note 1)
STP
STX
STY
TAD
TAS
C
←1
I
←1
m
←1
PSb
←1
M
←ACC
M
←X
M
←Y
DPR
←A
S
←A
X
←A
Y
←A
DPR
←B
S
←B
TAX
TAY
TBD
TBS
TDB
X
←B
TBX
TBY
TDA
Y
←B
A
←DPR
B
←DPR
42
2
2
04 83
38 21
78 21
2
F8
1
2
3
DB 31
2
4
85
42 6
85
3
3
9
42
3
9
42
7
42
2
5
95
72 81 72 91 72
91
3
81
92
95
2
4
86
2
4
84
52
96
94
2
5
5B 21
1B 21
AA 21
A8 21
4
42
2
5B
42 42
1B
42
AA
42 4
A8
7B 21
42 4
7B
Transmits the contents of the stack pointer to the accumulator A.
Transmits the contents of the stack pointer to the accu-
mulator B.
A
←S
B
←S
TSA
TSB
3B 21
42 42
Transmits the contents of the stack pointer to the index
register X.
Transmits the contents of the index register X to the ac-
cumulator A.
X
←S
A
←X
TSX
TXA
Transmits the contents of the index register X to the ac-
cumulator B.
Transmits the contents of the index register X to the stack
pointer.
B
←X
S
←X
TXB
TXS
Transmits the contents of the index register X to the index
register Y.
Y
←X
TXY
Transmits the contents of the index register Y to the ac-
cumulator A.
A
←Y
TYA
TYB
B
←Y
Transmits the contents of the index register Y to the index
register X.
Stops the internal clock.
Exchanges the contents of the accumulator A and the con-
tents of the accumulator B.
TYX
WIT
XAB
X
←Y
A
B
←
→
BA 21
21
42
2
4
8A
9A 21
9B 21
98 21
42 42
98
Transmits the contents of the index register Y to the ac-
cumulator B.
BB 21
CB 31
2
6
89
28
8A
3B
E2
92
9 3 42
#
##
n #
###
n #
#
#
n
Appendix 6. Machine instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com