Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 601 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 601 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 597Page - Renesas Technology Corp 7733 Datasheet HTML 598Page - Renesas Technology Corp 7733 Datasheet HTML 599Page - Renesas Technology Corp 7733 Datasheet HTML 600Page - Renesas Technology Corp 7733 Datasheet HTML 601Page - Renesas Technology Corp 7733 Datasheet HTML 602Page - Renesas Technology Corp 7733 Datasheet HTML 603Page - Renesas Technology Corp 7733 Datasheet HTML 604Page - Renesas Technology Corp 7733 Datasheet HTML 605Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 601 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21–53
Processor status register
Addressing modes
L(DIR) L(DIR),Y
ABL
ABL,X
(ABS) L(ABS)
STK
REL
SR
(SR),Y
BLK
ABS,b
ABS,X ABS,Y
DIR,b,R ABS,b,R
(ABS,X)
10 98 76 5
2
30
op
n
op
op
op
op
op
op
op
op
op
op
op
op
op
n
n
n
n
op
n
op
op n
n
n
op n
n
n
n
n
ABS
1
IPL
V m x D I
C
Z
7A
41
•
• • N ••
• •
• Z•
•
• • •
••
•
• • ••
N
If restored the contents of
PS, it becomes its value.
And the other cases are no
change.
•
• • N ••
• •
• Z
• •
• N V•
• •
• Z C
•
• • •
••
•
• •
••
Value saved in stack.
•
• • N ••
• •
• Z C
•
• • •
••
•
• •
••
5
EB 12 2
2
14
FB
3i1+4i2
3E 83
6E
3
8
7E
2E 73
73
52
E3
ED
E7
F7
2 F7 11 2
10
ED 43
4
42 12 3
42 6
42 13 3
F9
EF
FF
84 42 8
42
48 5 42 9
FD 63 F9 63 EF 6
FF 74
82
F3
42 73 42 10 3
E3
F3
•
• • •
••
•
• • ••
#
##
#
n#
#
n
n#
#
#
#
n
#
#
#
#
#
#
#
#
E7
42
FD
4
5
C
+
2i1+i2
+
Appendix 6. Machine instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com