Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 600 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 600 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 596Page - Renesas Technology Corp 7733 Datasheet HTML 597Page - Renesas Technology Corp 7733 Datasheet HTML 598Page - Renesas Technology Corp 7733 Datasheet HTML 599Page - Renesas Technology Corp 7733 Datasheet HTML 600Page - Renesas Technology Corp 7733 Datasheet HTML 601Page - Renesas Technology Corp 7733 Datasheet HTML 602Page - Renesas Technology Corp 7733 Datasheet HTML 603Page - Renesas Technology Corp 7733 Datasheet HTML 604Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 600 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21–52
3
Symbol
Functions
Details
IMP
IMM
A
DIR
DIR,b
DIR,X
DIR,Y
(DIR)
(DIR,X) (DIR),Y
op
n
op
op n
op n
n
op
op n
op nn
op
op n
op
Addressing modes
PLY
x=0
S
←S+1
YL
←M(S)
S
←S+1
YH
←M(S)
x=1
S
←S+1
YL
←M(S)
Restores the contents of the stack on the index register Y.
M(S)
←A, B, X···
Saves the registers among accumulator, index register, direct
page register, data bank register, program bank register,
or processor status register, specified by the bit pattern of
the second byte of the instruction into the stack.
Restores the contents of the stack to the registers among
accumulator, index register, direct page register, data bank
register, or processor status register, specified by the bit
pattern of the second byte of the instruction.
m=0
n bit rotate left
← b15 ··· b0 ←
m=1
n bit rotate left
← b7 ··· b0 ←
A, B, X···
←M(S)
PSH
(Note 6)
PUL
(Note 7)
RLA
(Note 13)
Rotates the contents of the accumulator A, n bits to the
left.
m=0
← b15 ··· b0 ← C ←
m=1
← b7 ··· b0 ← C ←
ROL
(Note 1)
Links the accumulator or the memory to C flag, and rotates
result to the left by 1 bit.
m=0
→ C → b15 ··· b0 →
m=1
→ C → b7 ··· b0 →
ROR
(Note 1)
Links the accumulator or the memory to C flag, and rotates
result to the right by 1 bit.
S
←S+1
PSL
←M(S)
S
←S+1
PSH
←M(S)
S
←S+1
PCL
←M(S)
S
←S+1
PCH
←M(S)
S
←S+1
PG
←M(S)
S
←S+1
PCL
←M(S)
S
←S+1
PCH
←M(S)
S
←S+1
PG
←M(S)
S
←S+1
PCL
←M(S)
S
←S+1
PCH
←M(S)
ACC, C
←ACC–M–C
RTI
RTL
RTS
SBC
(Notes 1,2)
Returns from the interruption routine.
Returns from the subroutine. The contents of the program
bank register are also restored.
Returns from the subroutine. The contents of the program
bank register are not restored.
Subtracts the contents of the memory and the borrow from
the contents of the accumulator.
81
6B
60 51
40 11 1
6A 21 66 72
42 4 2
6A
72
1
2
26 72
36 7 2
2A
42 42
89 63
49
2
2
E5 4 2
F5 5 26
F2
2 E1 7 2 F1
2
3
42 9
F1
E1
42 83
F2
42 73
F5
42 63
E5
4
E9
3
2A
76
+
i
E9
42
8
10
42
#
##
n #
#
###
#
#
n
Appendix 6. Machine instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com