Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 604 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 604 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 600Page - Renesas Technology Corp 7733 Datasheet HTML 601Page - Renesas Technology Corp 7733 Datasheet HTML 602Page - Renesas Technology Corp 7733 Datasheet HTML 603Page - Renesas Technology Corp 7733 Datasheet HTML 604Page - Renesas Technology Corp 7733 Datasheet HTML 605Page - Renesas Technology Corp 7733 Datasheet HTML 606Page - Renesas Technology Corp 7733 Datasheet HTML 607Page - Renesas Technology Corp 7733 Datasheet HTML 608Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 604 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21–56
The number of cycles shown in the table is described in the case of the fastest mode for each instruction. The number of cycles shown
in the table is calculated for DPRL=0. The number of cycles in the addressing mode concerning the DPR when DPRL
≠0 must be
incremented by 1.
The number of cycles shown in the table differs according to the bytes fetched into the instruction queue buffer, or according to whether
the memory read/write address is odd or even. It also differs when the external region memory is accessed by BYTE=“H.”
Notes 1. The operation code at the upper row is used for accumulator A, and the operation at the lower row is used for accumulator
B.
2. When setting flag m=0 to handle the data as 16-bit data in the immediate addressing mode, the number of bytes increments
by 1.
3. The number of cycles increments by 2 when branching.
4. The operation code on the upper row is used for branching in the range of –128 to +127, and the operation code on the
lower row is used for branching in the range of –32768 to +32767.
5. When handling 16-bit data with flag m=0, the byte in the table is incremented by 1.
6.
The number of cycles corresponding to the register to be pushed are added. The number of cycles when no pushing is done
is 12. i1 indicates the number of registers among A, B, X, Y, DPR, and PS to be saved, while i2 indicates the number of
registers among DT and PG to be saved.
7.
The number of cycles corresponding to the register to be pulled are added. The number of cycles when no pulling is done
is 14. i1 indicates the number of registers among A, B, X, Y, DT, and PS to be restored, while i2=1 when DPR is to be
restored.
8. The number of cycles is the case when the number of bytes to be transferred is even.
When the number of bytes to be transferred is odd, the number is calculated as;
7 + (i/2) ! 7 + 4
Note that, (i/2) shows the integer part when i is divided by 2.
9. The number of cycles is the case when the number of bytes to be transferred is even.
When the number of bytes to be transferred is odd, the number is calculated as;
9 + (i/2) ! 7 + 5
Note that, (i/2) shows the integer part when i is divided by 2.
10. The number of cycles is the case in the 16-bit
÷ 8-bit operation. The number of cycles is incremented by 16 for 32-bit ÷ 16-
bit operation.
11. The number of cycles is the case in the 8-bit ! 8-bit operation. The number of cycles is incremented by 8 for 16-bit ! 16-
bit operation.
12. When setting flag x=0 to handle the data as 16-bit data in the immediate addressing mode, the number of bytes increments
by 1.
13. When flag m is 0, the byte in the table is incremented by 1.
B
3
A
3
X
3
Y
3
DPR
4
DT
3
PS
3
A
2
B
2
X
2
Y
2
DPR
2
DT
1
PG
1
PS
2
Type of register
Number of cycles
Type of register
Number of cycles
Appendix 6. Machine instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com