Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 608 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 608 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 604Page - Renesas Technology Corp 7733 Datasheet HTML 605Page - Renesas Technology Corp 7733 Datasheet HTML 606Page - Renesas Technology Corp 7733 Datasheet HTML 607Page - Renesas Technology Corp 7733 Datasheet HTML 608Page - Renesas Technology Corp 7733 Datasheet HTML 609Page - Renesas Technology Corp 7733 Datasheet HTML 610Page - Renesas Technology Corp 7733 Datasheet HTML 611Page - Renesas Technology Corp 7733 Datasheet HTML 612Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 608 / 940 page
background image
7733 Group User’s Manual
21-60
APPENDIX
3. In microprocessor mode
Table 3 Examples of handling unused pins in microprocessor mode
Handling example
Connect these pins to pin Vcc or Vss via resistors after these
pins are set to the input mode, or leave these pins open after
they are set to the output mode (Notes 1 and 2).
Leave this pin open. (Note 5)
Leave this pin open.
Connect these pins to pin Vcc via resistors after these pins are
set to the input mode. (These pins are pulled high.) (Note 2)
Connect this pin to pin Vcc.
Connect these pins to pin Vss.
Notes 1: When leaving these pins open after they are set to the output mode, note the following: these pins
function as input ports from reset until they are switched to the output mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
pins function as input ports.
Software reliability can be enhanced when the contents of the above ports’ direction registers are
set periodically. This is because these contents may be changed by noise, a program runaway
which occurs owing to noise, etc.
2: For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
3: This is applied when “H” level is input to pin BYTE.
4: This is applied when “H” level is input to pin BYTE and the accessible area has a capacity of
64 Kbytes.
5: When Vss level is applied to pin CNVss, note the following: this pin functions as an input port from
reset until the processor mode is switched to the microprocessor mode by software. Therefore, a
voltage level of this pin is undefined and the power source current may increase while this pin
functions as an input port.
6: This is applied when an external clock is input to pin XIN.
Pins
P43–P47, P5–P8
____
BHE
(Note 3)
ALE
(Note 4)
_____
HLDA
,
φ1
XOUT (Note 6)
_____
____
HOLD
, RDY
AVcc
AVss, VREF
Fig. 11 Examples of handling unused pins in microprocessor mode
P43–P47, P5–P8
AVss
VREF
HOLD
RDY
Left open
HLDA
Vcc
Vss
AVcc
XOUT
When setting ports to input mode
Left open
P43–P47, P5–P8
AVss
VREF
Left open
Vss
AVcc
XOUT
When setting ports to output mode
Left open
Left open
Vcc
BHE
ALE
HOLD
RDY
BHE
ALE
HLDA
φ1
φ1
Appendix 7. Examples of handling unused pins



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com