Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 611 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 611 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 607Page - Renesas Technology Corp 7733 Datasheet HTML 608Page - Renesas Technology Corp 7733 Datasheet HTML 609Page - Renesas Technology Corp 7733 Datasheet HTML 610Page - Renesas Technology Corp 7733 Datasheet HTML 611Page - Renesas Technology Corp 7733 Datasheet HTML 612Page - Renesas Technology Corp 7733 Datasheet HTML 613Page - Renesas Technology Corp 7733 Datasheet HTML 614Page - Renesas Technology Corp 7733 Datasheet HTML 615Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 611 / 940 page
background image
7733 Group User’s Manual
21-63
APPENDIX
(4) Wiring to pin CNVss
[In single-chip and memory expansion modes]
q Connect pin CNVss to pin Vss of the microcomputer with the shortest possible wiring.
q If the above countermeasure cannot be taken, insert an approximate 5 k
Ω resistor between pins
CNVss and Vss and, again, make the distance between the resistor and pin CNVss as short as
possible.
[In microprocessor mode]
q Connect pin CNVss to pin Vcc with the shortest possible wiring.
Reason
Pin CNVss is connected to the internal ROM in the low-impedance state. (Noise is easily to be fed
to the pin in this condition.)
If noise enters pin CNVss, incorrect instruction codes or data are fetched from the built-in PROM. This
may cause a program runaway.
Fig. 15 Built-in PROM version: Wiring for pin CNVss
Microprocessor mode
CNVSS
VCC
Shortest possible wiring
Approx. 5 K
Ω
Pin CNVss is connected to pin Vss
with the shortest possible wiring.
CNVSS
VSS
Single-chip and
Memory expansion modes
M37733EHBXXXFP
g The above countermeasure is not necessary for pin BYTE.
M37733EHBXXXFP
Pin CNVss is connected to pin Vcc
with the shortest possible wiring.
Shortest possible wiring
Appendix 8. Countermeasure examples against noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com