Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 618 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 618 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 614Page - Renesas Technology Corp 7733 Datasheet HTML 615Page - Renesas Technology Corp 7733 Datasheet HTML 616Page - Renesas Technology Corp 7733 Datasheet HTML 617Page - Renesas Technology Corp 7733 Datasheet HTML 618Page - Renesas Technology Corp 7733 Datasheet HTML 619Page - Renesas Technology Corp 7733 Datasheet HTML 620Page - Renesas Technology Corp 7733 Datasheet HTML 621Page - Renesas Technology Corp 7733 Datasheet HTML 622Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 618 / 940 page
background image
7733 Group User’s Manual
21-70
APPENDIX
6. Reinforcement of the power source line
q For the Vss and Vcc lines, use thicker wiring than that of other signal lines.
q When using a multilayer printed circuit board, the Vss pattern and the Vcc pattern must each be one
of the middle layers.
q The following is necessary for double-sided printed circuit boards:
• On one side, the microcomputer is installed at the center, and the Vss line is looped or meshed around
it. The vacant area is filled with the Vss line.
• On the opposite side, the Vcc line is wired the same as the Vss line.
• The power source lines of external devices which are connected by bus to the microcomputer must
be connected to the microcomputer’s power source lines with the shortest possible wiring.
Reasons
With external devices connected to the microcomputer, the levels of many of the signal lines (total
external address buses: 24 bits) may change simultaneously, causing noise on the power source line.
Appendix 8. Countermeasure examples against noise



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com