Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 620 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 620 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 616Page - Renesas Technology Corp 7733 Datasheet HTML 617Page - Renesas Technology Corp 7733 Datasheet HTML 618Page - Renesas Technology Corp 7733 Datasheet HTML 619Page - Renesas Technology Corp 7733 Datasheet HTML 620Page - Renesas Technology Corp 7733 Datasheet HTML 621Page - Renesas Technology Corp 7733 Datasheet HTML 622Page - Renesas Technology Corp 7733 Datasheet HTML 623Page - Renesas Technology Corp 7733 Datasheet HTML 624Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 620 / 940 page
background image
7733 Group User’s Manual
21-72
APPENDIX
Interrupt
Q
(1/2)
If an interrupt request (b) occurs while an interrupt routin
e (a) is executed, is it true that the main
routine is not executed at all from when the execution of th
e interrupt routine (a) is completed until the
execution of the INTACK sequence for the next interrupt (b)
starts?
Conditions:
q I = 0 by executing the RTI instruction
q Interrupt priority level of interrupt (b) is higher than IPL of main routine.
q Interrupt priority level detection time = 2 cycles of
φ
A
An interrupt request is sampled by detecting a sampling puls
e which is generated synchronously with
the CPU’s op-code fetch cycle.
(1)
If the next interrupt request (b) occurs before sampling pul
se
Œ of the RTI instruction is generated,
sampling for this interrupt request is completed while the RTI instruction is executed.
Therefore, the INTACK sequence for (b) is executed without executing the main routine. (Even
one instruction is not executed.)
Interrupt routine (a)
Main routine
INTACK sequence (b)
Sequence of
execut ion
?
RTI instruction
INTACK sequence for (b)
Interrupt request (b)
Interrupt routine (a)
Sampling pulse
RTI instruction
Appendix 9. Q & A
Œ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com