Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 622 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 622 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 618Page - Renesas Technology Corp 7733 Datasheet HTML 619Page - Renesas Technology Corp 7733 Datasheet HTML 620Page - Renesas Technology Corp 7733 Datasheet HTML 621Page - Renesas Technology Corp 7733 Datasheet HTML 622Page - Renesas Technology Corp 7733 Datasheet HTML 623Page - Renesas Technology Corp 7733 Datasheet HTML 624Page - Renesas Technology Corp 7733 Datasheet HTML 625Page - Renesas Technology Corp 7733 Datasheet HTML 626Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 622 / 940 page
background image
7733 Group User’s Manual
21-74
APPENDIX
Interrupt
Suppose that there is a routine where a certain interrupt request should not be accepted. (The other
interrupt requests are acceptable.)
Although when the interrupt priority level selection bits for the above interrupt are set to “0002,” in
other words, when this interrupt is set to be disabled, this interrupt request is actually accepted
immediately after the change of the priority level. Why did this occur and what should I do about it?
Interrupt request is
accepted
in this interval
:
CLB #07H, XXXIC ; The interrupt priority level selection bits are set to “0002”
; or the interrupt request bit is set to “0.”
LDA A,DATA
; The first instruction of a routine where a certain
interrupt request should not be accepted
:;
As for the change of the interrupt priority level, when the following are met, the microcomputer may
pretend to accept an interrupt request immediately after this interrupt is set to be disabled:
• The next instruction (in the above example, it is the LDA instruction) is already stored into a instruc-
tion queue buffer for the BIU.
• Conditions for accepting the instruction which should not be accepted are satisfied immediately
before the next instruction in the instruction queue buffer is executed.
When writing to the memory • I/O, the CPU transfers an address and data to the BIU. And then, the
CPU executes the next instruction in the instruction queue buffer while the BIU is writing the data into
the actual address. Interrupt priority level is determined at the start of each instruction.
In the above case, the CPU executes the next instruction before the BIU completes the change of
the interrupt priority level. Therefore, when the interrupt priority level is detected synchronously with
the execution of the next instruction, the interrupt priority level before the change is detected and
its interrupt request is accepted.
Q
A
(1/2)
Previous instruction
is executed.
(Instruction is prefetched.)
CPU operation
BIU operation
Interrupt priority detection time
Sequence of execution
Interrupt priority level selection bits are set.
Change of interrupt priority levels
is completed
Interrupt request is accepted.
Interrupt request is generated.
CLB instruction
is executed.
LDA instruction
is executed.
Appendix 9. Q & A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com