Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 624 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 624 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 620Page - Renesas Technology Corp 7733 Datasheet HTML 621Page - Renesas Technology Corp 7733 Datasheet HTML 622Page - Renesas Technology Corp 7733 Datasheet HTML 623Page - Renesas Technology Corp 7733 Datasheet HTML 624Page - Renesas Technology Corp 7733 Datasheet HTML 625Page - Renesas Technology Corp 7733 Datasheet HTML 626Page - Renesas Technology Corp 7733 Datasheet HTML 627Page - Renesas Technology Corp 7733 Datasheet HTML 628Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 624 / 940 page
background image
7733 Group User’s Manual
21-76
APPENDIX
Interrupt
Q
(1)
If the edge sense or level sense is selected, an external interrupt request occurs when the level
____
of an input signal on the INTi pin changes. This is independent of clock
φ1.
At this time, if the edge sense is selected, the interrupt request bit is set to “1,” also.
(2)
There are two methods: one is the method to use the external interrupt’s level sense; the other
one is the method to use the timer’s event counter mode.
Œ
Method to use the external interrupt’s level sense
As for hardware, input a logical sum of several interrupt signals (for example, ‘a’, ‘b’, and ‘c’)
____
to the INTi pin and input each signal to the corresponding port.
____
As for software, check the ports’ input levels in an INTi interrupt routine in order to detect a
signal (one of signals ‘a,’ ‘b,’ and ‘c’) which is input.
A
(1)
____
At what timing of clock
φ1 is an external interrupt (an input signal on the INTi pin) detected?
(2)
____
Suppose that more than three external interrupt input pins (INTi) are necessary, what should I do?

Method to use the timer’s event counter mode
As for hardware, input an interrupt signal to the TAiIN or TBiIN pin.
As for software, set the timer’s operating mode to the event counter mode and set value
“000016” to the timer. Furthermore, select a valid edge.
The timer’s interrupt request occurs when an interrupt signal (selected valid edge) is input.
Note : The same process can be realized by using the key input interrupt function, also.
M37733MHBXXXFP
Port
Port
Port
INTi
a
b
c
Appendix 9. Q & A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com