Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 627 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 627 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 623Page - Renesas Technology Corp 7733 Datasheet HTML 624Page - Renesas Technology Corp 7733 Datasheet HTML 625Page - Renesas Technology Corp 7733 Datasheet HTML 626Page - Renesas Technology Corp 7733 Datasheet HTML 627Page - Renesas Technology Corp 7733 Datasheet HTML 628Page - Renesas Technology Corp 7733 Datasheet HTML 629Page - Renesas Technology Corp 7733 Datasheet HTML 630Page - Renesas Technology Corp 7733 Datasheet HTML 631Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 627 / 940 page
background image
bytes
7733 Group User’s Manual
21-79
APPENDIX
Processor mode
A
Although when the processor mode bits are set in order to switch the processor mode, as described
above, the mode is not switched until the write cycle for the processor mode bits is completed. (The
processor mode is actually switched simultaneously with the write cycle’s completion.)
At this time, the program counter indicates the address which is next to the address (address XXXX16)
where the write instruction for the processor mode bits is stored. Also, access to the internal ROM
area is disabled. Note that there is a possibility that less than four bytes of instructions are prefetched
into instruction queue buffers. Therefore, the address which resides in the external ROM area and is
accessed first after the mode is switched is one of addresses “XXXX16 + 1” to “XXXX16
4.” Note
also that instructions at addresses “XXXX16
1” to “XXXX16
3” in the internal ROM area may be
executed. To solve this problem, do the following processes by software.
[Process Œ]
Program a write instruction for the processor mode bits and the following instructions (at least three
bytes) to the same addresses of the internal ROM and external ROM areas. (See below.)
[Process ]
Transfer a write instruction for the processor mode bits to an internal RAM area and make the program
branch to the address in order to execute the write instruction. And then, make the program branch to
the program address in the external ROM area. (Contents of instruction queue buffers are initialized by
a branch instruction.)
LD M ,B #00000010B, PM R
NO P
NO P
NO P
LD M ,B #00000010B, PM R
NO P
NO P
NO P
XXXX16
External ROMarea
Internal
ROM area
XXXX16
At least
three
When the processor mode is switched, as described below, by setting the processor mode bits (bits
1 and 0 at address 5E16) while a program is executed, is there any precaution on software?
Single-chip mode
Å
Microprocessor mode
Memory expansion mode
Microprocessor mode
Q
Appendix 9. Q & A
+
+
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com