Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 628 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 628 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 624Page - Renesas Technology Corp 7733 Datasheet HTML 625Page - Renesas Technology Corp 7733 Datasheet HTML 626Page - Renesas Technology Corp 7733 Datasheet HTML 627Page - Renesas Technology Corp 7733 Datasheet HTML 628Page - Renesas Technology Corp 7733 Datasheet HTML 629Page - Renesas Technology Corp 7733 Datasheet HTML 630Page - Renesas Technology Corp 7733 Datasheet HTML 631Page - Renesas Technology Corp 7733 Datasheet HTML 632Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 628 / 940 page
background image
APPENDIX
7733 Group User’s Manual
21-80
Appendix 9. Q & A
Œ
Use the STA and LDM instructions for setting the registers or the bits listed below.
Do not use read-modify-write instructions (for example, CLB, SEB, INC, DEC, ASL, LSR, ROL,
and ROR).
UART0 baud rate register (address 3116)
UART1 baud rate register (address 3916)
UART2 baud rate register (address 6516)
UART0 transmission buffer register (addresses 3316, 3216)
UART1 transmission buffer register (addresses 3B16, 3A16)
UART2 transmission buffer register (addresses 6716, 6616)
Timer A4 two-phase pulse signal processing selection bit (bit 7 at address 4416)
Timer A3 two-phase pulse signal processing selection bit (bit 6 at address 4416)
Timer A2 two-phase pulse signal processing selection bit (bit 5 at address 4416)

When writing data to the oscillation circuit control register 1 (address 6F16), be sure to follow the
procedure shown below.
• When initializing the clock prescaler
Write data “8016.” (LDM instruction)
↓
Clock prescaler is reset.
• When writing to bits 0 to 2
Write data “010101012.” (LDM instruction)
↓
Write data “00001!!!2.” (LDM instruction) (Note)
↓
Bits 0 to 2 are set.
Note: In the case of the 7735 Group, write data “00000!!!2.”
Ž
When writing data to the memory allocation control register (address 6316), be sure to follow the
procedure shown below.
Write data “010101012.” (LDM instruction)
↓
Write data “00000!!!2.” (LDM instruction)
↓
Bits 0 to 2 are set.
SFR
Q
Is there any SFR where a certain write instruction can not be used?
A
Next instruction
Next instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com