Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 636 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 636 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 632Page - Renesas Technology Corp 7733 Datasheet HTML 633Page - Renesas Technology Corp 7733 Datasheet HTML 634Page - Renesas Technology Corp 7733 Datasheet HTML 635Page - Renesas Technology Corp 7733 Datasheet HTML 636Page - Renesas Technology Corp 7733 Datasheet HTML 637Page - Renesas Technology Corp 7733 Datasheet HTML 638Page - Renesas Technology Corp 7733 Datasheet HTML 639Page - Renesas Technology Corp 7733 Datasheet HTML 640Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 636 / 940 page
background image
OVERVIEW
1–4
7735 Group User’s Manual
1.3 Pin description
Concerning section “1.3 Pin description,” the 7735 Group differs from the 7733 Group in the following:
___
• “Description of pin E in Table 1.3.1”
• “Description of pins P00–P07, P20–P27 and P30–P33 in Table 1.3.2”
• “1.3.1 Examples of handling unused pins”
The other description is the same as that of the 7733 Group. Therefore, refer to part 1:
• “1.3 Pin description” (page 1-5 in part 1)
Table 1.3.1 Pin description (1)
Functions
[Single-chip Mode]
__
This pin outputs internal enable signal E. When E’s
level is “L,” the microcomputer reads data and instruction
codes or writes data. Also, output of internal enable
_
signal E can be stopped by software.
[Memory Expansion Mode] [Microprocessor Mode]
________
This pin outputs read enable signal RDE. This signal’s
level is “L” in the data read period of the read cycle.
Pin
_
E
Name
Internal enable output
Input/Output
Output
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com