Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 640 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 640 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 636Page - Renesas Technology Corp 7733 Datasheet HTML 637Page - Renesas Technology Corp 7733 Datasheet HTML 638Page - Renesas Technology Corp 7733 Datasheet HTML 639Page - Renesas Technology Corp 7733 Datasheet HTML 640Page - Renesas Technology Corp 7733 Datasheet HTML 641Page - Renesas Technology Corp 7733 Datasheet HTML 642Page - Renesas Technology Corp 7733 Datasheet HTML 643Page - Renesas Technology Corp 7733 Datasheet HTML 644Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 640 / 940 page
background image
OVERVIEW
1–8
7735 Group User’s Manual
(3) In microprocessor mode
Table 1.3.6 Examples of handling unused pins in microprocessor mode
Handling example
Connect these pins to pin Vcc or Vss via resistors after these
pins are set to the input mode, or leave these pins after they are
set to the output mode (Notes 1 and 2).
Leave these pins open. (Note 3)
Leave this pin open.
Connect these pins to pin Vcc via resistors after these pins are
set to the input mode. (These pins are pulled high.) (Note 2)
Connect this pin to pin Vcc.
Connect these pins to pin Vss.
Pins
P43–P47, P5–P8
_________
________
________
WEH
, WEL, RDE
_____
_______
_______
___________
HLDA
,
φ1, CS0–CS4, RSMP
XOUT (Note 4)
_____
____
HOLD
, RDY
AVCC
AVSS, VREF
Notes 1: When leaving these pins open after they are set to the output mode, note the following: these pins
function as input ports from reset until they are switched to the output mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
pins function as input ports.
Software reliability can be enhanced when the contents of the above ports’ direction registers are
set periodically. This is because these contents may be changed by noise, a program runaway
which occurs owing to noise, etc.
2: For unused pins, use the shortest possible wiring (within 20 mm from the microcomputer’s pins).
3: When Vss level is applied to pin CNVss, note the following: these pins function as input ports from
reset until the processor mode is switched to the microprocessor mode by software. Therefore,
voltage levels of these pins are undefined and the power source current may increase while these
pins function as input ports.
4: This is applied when an external clock is input to pin XIN.
Fig. 1.3.3 Examples of handling unused pins in microprocessor mode
P43–P47, P5–P8
1
RSMP
HOLD
RDY
WEH
WEL
RDE
HLDA
Vcc
Vss
AVcc
XOUT
CS0
–CS4
P43–P47, P5–P8
1
RSMP
HOLD
RDY
Vss
AVcc
XOUT
CS0
–CS4
Vcc
When setting ports to input mode
When setting ports to output mode
Left open
Left open
Left open
Left open
Left open
AVss
VREF
AVss
VREF
WEH
WEL
RDE
HLDA
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com