Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 637 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 637 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 633Page - Renesas Technology Corp 7733 Datasheet HTML 634Page - Renesas Technology Corp 7733 Datasheet HTML 635Page - Renesas Technology Corp 7733 Datasheet HTML 636Page - Renesas Technology Corp 7733 Datasheet HTML 637Page - Renesas Technology Corp 7733 Datasheet HTML 638Page - Renesas Technology Corp 7733 Datasheet HTML 639Page - Renesas Technology Corp 7733 Datasheet HTML 640Page - Renesas Technology Corp 7733 Datasheet HTML 641Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 637 / 940 page
background image
OVERVIEW
1–5
7735 Group User’s Manual
Input/Output
I/O
Output
I/O
I/O
Output
Pin
P00–P07
_______
_______
CS0
–CS4,
_____
RSMP
, A16, A17
P20–P27
A0/D0–
A7/D7
P30–P33
________
WEL
,
________
WEH
,
ALE,
_____
HLDA
Table 1.3.2 Pin description (2)
Functions
[Single-chip Mode]
Same as the 7733 Group.
[Memory Expansion Mode] [Microprocessor Mode]
_______
_______
____________
These pins respectively output signals CS0–CS4, RSMP,
and address’s high-order 2 bits (A16 and A17).
_______
_______
q Signal CS0–CS4
These signals are the chip select signals. When the microcomputer
accesses a certain area, the corresponding pin outputs “L” level.
(Refer to Table 2.5.3.)
____________
q Signal RSMP
This signal is the ready sampling signal and is used
________
to generate signal RDY for accessing external memory
area.
[Single-chip Mode]
Same as the 7733 Group.
[Memory Expansion Mode] [Microprocessor Mode]
Input/Output of data (D0–D7) and output of address’s
low-order 8 bits (A0–A7) are performed with the time
sharing method.
[Single-chip Mode]
Same as the 7733 Group.
[Memory Expansion Mode] [Microprocessor Mode]
________
_________
These pins respectively output signals WEL, WEH , ALE,
_____
and HLDA.
________
_________
q Signal WEL, WEH
____
Signal WEL is the write enable low signal.
____
Signal WEH is the write enable high signal.
These signals’ levels are “L” in the data write period
of the write cycle.
The operations of these signals depend on the level
of pin BYTE. (Refer to Table 12.1.1.)
q Signal ALE
This signal is used to separate the multiplexed signal
which consists of an address and data to the address
and the data.
_____
q Signal HLDA
This signal informs the external whether the
microcomputer enters the Hold state or not.
__________
In Hold state, pin HLDA outputs “L” level.
Name
I/O port P0
I/O port P2
I/O port P3
1.3 Pin description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com