Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 761 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 761 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 757Page - Renesas Technology Corp 7733 Datasheet HTML 758Page - Renesas Technology Corp 7733 Datasheet HTML 759Page - Renesas Technology Corp 7733 Datasheet HTML 760Page - Renesas Technology Corp 7733 Datasheet HTML 761Page - Renesas Technology Corp 7733 Datasheet HTML 762Page - Renesas Technology Corp 7733 Datasheet HTML 763Page - Renesas Technology Corp 7733 Datasheet HTML 764Page - Renesas Technology Corp 7733 Datasheet HTML 765Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 761 / 940 page
background image
LOW VOLTAGE VERSION
7735 Group User’s Manual
18-13
18.6 Applications
Some application examples of connecting external memorys for the low voltage version are described below.
For the basic description of the memory expansion, refer to chapter “17. APPLICATIONS.”
Applications shown here are just examples. Modify the desired application to suit the user’s need and make
sufficient evaluations before actually using it.
18.6.1 Memory expansion
The following items of the 7735 Group’s low voltage version are the same as section “17.1 Memory
expansion” in part 1, but a part of the caluculation way and constants for each parameter is different:
•Memory expansion model
•Caluculation way for address access time of external memory
•Bus timing
•Memory expansion way
Œ Address access time of external memory ta(AD)
ta(AD) = td(A-RDE) + tw(RDE) – tsu(D-RDE) – (address decode timeV1 + address latch delay timeV2)
address decode timeV1
: time necessary for validating a chip select signal after an address is decoded
address latch delay timeV2 : time necessary for latching an address
Data setup time of external memory for writing data tsu(D)
tsu(D) = tw(WE) – td(WE–DQ)
Table 18.6.1 lists the caluculation formulas and constants for each parameter of the low voltage version.
Figure 18.6.1 shows the relationship between ta(AD) and 2• f(f2). Figure 18.6.2 shows the relationship
between tsu(D) and 2• f(f2).
Table 18.6.1 Caluculation formulas and constants for each parameter (Unit : ns)
Wait 1
0
1
Wait 0
0
0
No wait
1
0 or 1
4 ! 109
2• f(f2)
80
90
Wait bit : Bit 2 at address 5E16
Wait selection bit : Bit 0 at address 5F16
Note: This is applied to the case where the system clock selection bit (bit 3 at address 6C16) = “0.”
– 63
– 38
– 35
– 35
–38
– 88
3 ! 109
2• f(f2)
1 ! 109
2• f(f2)
Software wait
Wait bit
Wait selection bit
td(A-RDE)
tw(RDE)
tw(WE)
tsu(D-RDE)
td(WE-DQ)
2 ! 109
2• f(f2)
2 !109
2• f(f2)
4 ! 109
2• f(f2)
18.6 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com