Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 765 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 765 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 761Page - Renesas Technology Corp 7733 Datasheet HTML 762Page - Renesas Technology Corp 7733 Datasheet HTML 763Page - Renesas Technology Corp 7733 Datasheet HTML 764Page - Renesas Technology Corp 7733 Datasheet HTML 765Page - Renesas Technology Corp 7733 Datasheet HTML 766Page - Renesas Technology Corp 7733 Datasheet HTML 767Page - Renesas Technology Corp 7733 Datasheet HTML 768Page - Renesas Technology Corp 7733 Datasheet HTML 769Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 765 / 940 page
background image
LOW VOLTAGE VERSION
7735 Group User’s Manual
18-17
18.6 Applications
18.6.3 Ready generating circuit example
When validating “wait” only for a certain area (for example, ROM area) in Figure 18.6.3, use the ready
function.
Figure 18.6.5 shows a ready generating circuit example.
M37735MHLXXXHP
CS0
RDY
AC32
CS0
RSMP
1
RDE
CS0
RSMP
RDY
td(RDE-
1
)
td(RSMP-RDE)
tc
tsu(RDY-
1
)
V
Wait generated by the ready function is
inserted only to an area where
accessed by signal CS 0.
Circuit conditions : f(X IN)
≤ 12 MHz, no wait,
Propagation delay
time of AC32
(max. : 28 ns)
V Condition to satisfy the relationship t
tc+td(RSMP-RDE)
≥ 108 ns
Accordingly, when f (XIN)
≤ 12 MHz, this
example satisfies the relationship t
: Wait generated by the ready function
1
=
,
,
, or
2
f(XIN)
8
f(XIN)
16
f(XIN)
2
f(XCIN)
su(RDY-
1
)
≥ 80 ns is
su(RDY-
1
)
≥ 80 ns.
Fig. 18.6.5 Ready generating circuit example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com