Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 763 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 763 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 759Page - Renesas Technology Corp 7733 Datasheet HTML 760Page - Renesas Technology Corp 7733 Datasheet HTML 761Page - Renesas Technology Corp 7733 Datasheet HTML 762Page - Renesas Technology Corp 7733 Datasheet HTML 763Page - Renesas Technology Corp 7733 Datasheet HTML 764Page - Renesas Technology Corp 7733 Datasheet HTML 765Page - Renesas Technology Corp 7733 Datasheet HTML 766Page - Renesas Technology Corp 7733 Datasheet HTML 767Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 763 / 940 page
background image
LOW VOLTAGE VERSION
7735 Group User’s Manual
18-15
18.6.2 Memory expansion example
Figure 18.6.3 shows a memory expansion example and Figure 18.6.4 shows the corresponding timing
diagram.
In this example, an Atmel company’s EPROM (AT27LV256R) is used as the external ROM.
Fig. 18.6.3 Memory expansion example
XIN
XOUT
M37735MHLXXXHP
BYTE
Data bus
HC573
DQ
E
RD
D0
to D7
AT27LV256R-15DI
D0 to D7
OE
A0 to A14
CE
A0
to A14
S1
A0 to A16
DQ1 to DQ8
OE
W
A0 to A16
D0 to D7
M5M51008AFP-15VLL
WR
Address bus
A0/D0 to A7/D7
ALE
RDE
CNVSS
WEL
CS1
CS2
000016
008016
087F16
800016
FFFF16
4000016
5FFFF16
External ROM area
(AT27LV256R-15DI)
SFR area
Internal RAM area
External RAM area
(M5M51008AFP-15VLL)
Memory map
Not used
Not used
A8 to A16
10 MHz
g
Circuit conditions : Wait 1
g Make sure that the propagation delay time is 85 ns (max.) or less.
1
=
,
,
, or
2
f(XIN)
8
f(XIN)
16
f(XIN)
2
f(XCIN)
Supply voltage : Vcc = 3.0 to 5.5 V
(Can operate with no wait when f(XIN)
≤ 8.0 MHz.)
18.6 Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com