Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 773 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 773 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 769Page - Renesas Technology Corp 7733 Datasheet HTML 770Page - Renesas Technology Corp 7733 Datasheet HTML 771Page - Renesas Technology Corp 7733 Datasheet HTML 772Page - Renesas Technology Corp 7733 Datasheet HTML 773Page - Renesas Technology Corp 7733 Datasheet HTML 774Page - Renesas Technology Corp 7733 Datasheet HTML 775Page - Renesas Technology Corp 7733 Datasheet HTML 776Page - Renesas Technology Corp 7733 Datasheet HTML 777Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 773 / 940 page
background image
EXTERNAL ROM VERSION
7735 Group User’s Manual
20–3
20.1 Performance overview
20.1 Performance overview
Performance overview of the external ROM version differs from that of the mask ROM version in the
following: memory size and current consumption. For the other items, refer to section “1.1 Performance
overview” in part 2.
Table 20.1.1 lists the M37735S4BFP’s performance overview.
Table 20.1.1 M37735S4BFP’s performance overview
Items
Memory size
Current consumption
RAM
Performance
2048 bytes
57 mW (When f(XIN) = 25-MHz external square wave
input, Vcc = 5 V, and the main clock is the system clock,
Typ.)
300
µW (When f(XCIN) = 32 kHz, Vcc = 5 V, the sub
clock is the system clock, and the main clock is stopped,
Typ.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com