Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 775 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 775 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 771Page - Renesas Technology Corp 7733 Datasheet HTML 772Page - Renesas Technology Corp 7733 Datasheet HTML 773Page - Renesas Technology Corp 7733 Datasheet HTML 774Page - Renesas Technology Corp 7733 Datasheet HTML 775Page - Renesas Technology Corp 7733 Datasheet HTML 776Page - Renesas Technology Corp 7733 Datasheet HTML 777Page - Renesas Technology Corp 7733 Datasheet HTML 778Page - Renesas Technology Corp 7733 Datasheet HTML 779Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 775 / 940 page
background image
EXTERNAL ROM VERSION
7735 Group User’s Manual
20–5
Functions
To pin Vcc, apply 5 V±10% (When the main clock is
the system clock) or 2.7 V to 5.5 V (When the sub-
clock is the system clock). To pin Vss, apply 0 V.
Connect to pin Vcc.
The microcomputer is reset when “L” level is input to
this pin.
Pins XIN and XOUT are the I/O pins of the clock
generating circuit, respectively. Connect these pins via
a ceramic resonator or a quartz-crystal oscillator. When
an external clock is used, the clock should be input to
pin XIN, and pin XOUT should be left open.
____
____
This pin outputs read enable signal RDE. RDE’s level
is “L” in the data read period of the read cycle.
Input level to this pin determines whether the external
data bus has a 16-bit width or an 8-bit width. A 16-bit
width is selected when the level is “L,” and an 8-bit
width is selected when the level is “H.”
Power source input for the A-D converter. Connect to
pin Vcc.
Power source input for the A-D converter. Connect to
pin Vss.
This is the reference voltage input pin for the A-D
converter.
___
___
_____
These pins respectively output signals CS0–CS4, RSMP,
and high-order 2 bits (A16, A17) of address.
___
___
q Signals CS0–CS4
These signals are the chip-select signals. When the microcomputer
accesses a certain area, the corresponding pin outputs “L“ level.
(Refer to Figure 12.1.3.)
_____
q Signal RSMP
This signal is the ready sampling signal and is used
____
to generate signal RDY for accessing the external
memory area.
q When the external data bus width = 8 bits
(Pin BYTE is at “H” level)
Address’s middle-order 8 bits (A8–A15) are output.
q When the external bus width = 16 bits
(Pin BYTE pin is at “L” level)
Input/Output of data (D8–D15) and output of address’s
middle-order 8 bits (A8–A15) are performed with the
time sharing system.
Name
Power source input
CNVss
Reset input
Clock input
Clock output
Read enable output
External data bus width
selection input
Analog power source
input
Reference voltage input
Chip select output,
Ready sampling output,
Address (high-order)
output
Address (middle-order)
output/Data I/O
20.3 Pin description
20.3 Pin description
Tables 20.3.1 and 20.3.2 list the pin description.
Table 20.3.1 Pin description (1)
Pin
Vcc, Vss
CNVss
______
RESET
XIN
XOUT
____
RDE
BYTE
AVcc
AVss
VREF
____
CS0
(P00)–
____
CS4
(P04),
______
RSMP
(P05),
A16 (P06),
A17 (P07)
A8/D8
(P10) –
A15/D15
(P17)
Input/Output
Input
Input
Input
Output
Output
Input
Input
Output
I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com