Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 776 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 776 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 772Page - Renesas Technology Corp 7733 Datasheet HTML 773Page - Renesas Technology Corp 7733 Datasheet HTML 774Page - Renesas Technology Corp 7733 Datasheet HTML 775Page - Renesas Technology Corp 7733 Datasheet HTML 776Page - Renesas Technology Corp 7733 Datasheet HTML 777Page - Renesas Technology Corp 7733 Datasheet HTML 778Page - Renesas Technology Corp 7733 Datasheet HTML 779Page - Renesas Technology Corp 7733 Datasheet HTML 780Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 776 / 940 page
background image
EXTERNAL ROM VERSION
7735 Group User’s Manual
20–6
20.3 Pin description
Table 20.3.2 Pin description (2)
Input/Output
I/O
Output
Input
Input
Output
I/O
I/O
I/O
I/O
I/O
Functions
Input/Output of data (D0–D7) and output of address’s
low-order 8 bits (A0–A7) are performed with the time
sharing system.
____
____
These pins respectively output signals WEL, WEH, ALE,
_____
and HLDA.
____
____
q Signals WEL, WEH
____
Signal WEL is the write enable low signal.
____
Signal WEH is the write enable high signal.
These signals’ levels are “L” in the data write
period of the write cycle. The operations of these
signals depend on the level of pin BYTE. (Refer
to Table 12.1.1.)
q Signal ALE
This signal is used to separate the multiplexed signal which
consists of an address and data to the address and data.
_____
q Signal HLDA
This signal informs the external whether this
microcomputer enters the Hold state or not.
_____
In Hold state, pin HLDA outputs “L” level.
_____
The microcomputer is in Hold state while pin HOLD’s
____
input level is “L” and is in Ready state while pin RDY’s
input level is “L.” The clock
φ1 output can be stopped
by software. (Refer to chapter “14. CLOCK
GENERATING CIRCUIT.”)
P43–P47 function as I/O ports with the same functions
as port P5.
P5 is a CMOS 8-bit I/O port and has an I/O direction
register. Each pin can be programmed for input or output.
It can be programmed as I/O pins for timers A0–A3,
___ ___
input pins (KI0–KI3) for the key input interrupt and output
pins (RTP00–RTP13) for the pulse output.
P6 is an 8-bit I/O port with the same function as port
P5 and can be programmed as I/O pins for timer A4,
external interrupt input pins, and input pins for timers
B0–B2. P67 also functions as an output pin for the sub
clock (
φSUB).
P7 is an 8-bit I/O port with the same function as port
P5 and can be programmed as analog input pins for
the A-D converter. P76 and P77 can be programmed
as I/O pins (XCOUT, XCIN) for the sub-clock (32 kHz)
oscillation circuit. When using P76 and P77 as pins XCOUT
and XCIN, connect a quartz-crystal oscillator between
them. P72–P75 also function as UART2’s I/O pins.
P8 is an 8-bit I/O port with the same function as port
P5 and can be programmed as serial I/O’s I/O pins.
Name
Address (low-order)
output/Data (low-order)
I/O
Write enable low output,
Write enable high output,
Address latch enable output,
Hold acknowledge output
Hold request input,
Ready input,
Clock output,
I/O port P4
I/O port P5
I/O port P6
I/O port P7
I/O port P8
Pin
A0/D0 (P20)
–A7/D7
(P27)
____
WEL
(P30),
____
WEH
(P31),
ALE (P32),
_____
HLDA
(P33)
_____
HOLD
,
____
RDY
,
φ1(P42),
P43–P47
P50–P57
P60–P67
P70–P77
P80–P87



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com