Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 837 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 837 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 833Page - Renesas Technology Corp 7733 Datasheet HTML 834Page - Renesas Technology Corp 7733 Datasheet HTML 835Page - Renesas Technology Corp 7733 Datasheet HTML 836Page - Renesas Technology Corp 7733 Datasheet HTML 837Page - Renesas Technology Corp 7733 Datasheet HTML 838Page - Renesas Technology Corp 7733 Datasheet HTML 839Page - Renesas Technology Corp 7733 Datasheet HTML 840Page - Renesas Technology Corp 7733 Datasheet HTML 841Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 837 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7736 Group User’s Manual
5–3
5.2 Block description
Figure 5.2.1 shows the block diagram for the key input interrupt function.
5.2 Block description
INT2
/Key input interrupt control register
Interrupt control register
P64/INT2
P107/KI3
P105/KI1
P106/KI2
P104/KI0
INT2/Key input
interrupt
request
Key input interrupt selection bit
(address 7F16)
When key input interrupt is
selected, it is necessary to
select edge sense which
uses falling edge.
Pull–up
transistor
Port P10 pull-up
selection bit
Port P107 direction
register
0
1
Pull–up
transistor
Pull–up
transistor
Pull–up
transistor
Port P6 pull-up
selection bit 1
Port P64 direction register
0
1
Port P6 pull-up
selection bit 1
Fig. 5.2.1 Block diagram for key input interrupt function
___
___
____
5.2.1 Pins KI0 to KI3 and P64/INT2
When the key input interrupt function is selected, pins P104 to P107 become input pins for the key input
___
___
interrupt (KI0 to KI3).
When selecting the key input interrupt function, clear all of bits 4 to 7 at address 1816 (Port P10 direction
register) to “0.”
___
___
When bits 4 to 7 at address 1616 (Port P10 register) are read out, the status of pins KI0 to KI3 can be read
____
in. When using pin P64/INT2 as an input pin for the key input interrupt, set both of bits 5 and 7 at address
6D16 to “1” and bit 4 at address 1016 (Port P6 direction register) to “0.” When bit 4 at address E616 (Port
____
P6 register) is read out, the status of pin P64/INT2 can be read in.
Fig. 5.2.2 Port P10 and P6 direction registers when key input interrupt function is selected
b7
b6
b5
b4
b3
b2
b1
b0
Port P10 direction register (address 1816)
0
00
0
b7
b6
b5
b4
b3
b2
b1
b0
Port P6 direction register (address 1016)
0
0: Must be set to “0.”
0: Must be set to “0.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com