Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 838 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 838 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 834Page - Renesas Technology Corp 7733 Datasheet HTML 835Page - Renesas Technology Corp 7733 Datasheet HTML 836Page - Renesas Technology Corp 7733 Datasheet HTML 837Page - Renesas Technology Corp 7733 Datasheet HTML 838Page - Renesas Technology Corp 7733 Datasheet HTML 839Page - Renesas Technology Corp 7733 Datasheet HTML 840Page - Renesas Technology Corp 7733 Datasheet HTML 841Page - Renesas Technology Corp 7733 Datasheet HTML 842Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 838 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7736 Group User’s Manual
5–4
5.2.2 Port function control register
Figure 5.2.3 shows the structure of the port function control register.
5.2 Block description
Fig. 5.2.3 Structure of port function control register
Bit
Functions
b7
b6
b5
b4
b3
b2
b1
b0
Port function control register (address 6D16)
Bit name
0: Pins P0 to P3 are used for the external bus output.
1: Pins P0 to P3 are used for the port output.
0
Standby state selection bit
1
Sub-clock output selection bit/
Timer B2 clock source selection
bit
0: No internal connection
1: Internal connection with timer B2
2
Timer B1 internal connect
selection bit
3
Port P6 pull-up selection bit 0
0: No pull-up for pins P104/KI0 to P107/KI3
1: With pull-up for pins P104/KI0 to P107/KI3
6
Port P10 pull-up selection bit
7
Key input interrupt selection bit
0: INT2 interrupt
1: Key input interrupt
5
Port P6 pull-up selection bit 1
4
Must be fixed to “0.”
At reset
RW
RW
RW
0
RW
0
RW
0
RW
0
RW
0
RW
0
RW
0
0
0
•Port-XC selection bitV = “0”
(when the sub clock is not used)
Timer B2 (event counter mode)
clock source selection(Note 1)
0: TB2IN input (event counter mode)
1: Main clock divided by 32
(clock timer)
•Port-XC selection bit = “1”
(when the sub clock is used)
Sub-clock output selection
0: Pin P67/TB2IN/
SUB
functions as a
programmable I/O port.
1: Sub clock
SUB
is output from
pin P67/TB2IN/
SUB
.
(Note 2)
Notes 1: When the port-Xc selection bit = “0” and timer B2 operates in the timer mode or the pulse period
/pulse width measurement mode, bit 1 is invalid.
2: When timer B1 operates in the event counter mode, bit 2 is valid.
3:
represents that bits 0 to 4 are not used for the key input interrupt function.
•Key input interrupt selection bit = “0”
0: No pull-up for pin P64/INT2
1: With pull-up for pin P64/INT2
•Key input interrupt selection bit = “1”
0: Pin P64/INT2 is a port with no pull-up.
1: Pin P64/INT2 is an input pin with pull-up
and is used for the key input interrupt.
0: No pull-up for pins P62/INT0 and P63/INT1
1: With pull-up for pins P62/INT0 and P63/INT1
Port-Xc selection bitV : Bit 4 of the oscillation circuit control register 0 (address 6C16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com