Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 840 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 840 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 836Page - Renesas Technology Corp 7733 Datasheet HTML 837Page - Renesas Technology Corp 7733 Datasheet HTML 838Page - Renesas Technology Corp 7733 Datasheet HTML 839Page - Renesas Technology Corp 7733 Datasheet HTML 840Page - Renesas Technology Corp 7733 Datasheet HTML 841Page - Renesas Technology Corp 7733 Datasheet HTML 842Page - Renesas Technology Corp 7733 Datasheet HTML 843Page - Renesas Technology Corp 7733 Datasheet HTML 844Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 840 / 940 page
background image
KEY INPUT INTERRUPT FUNCTION
7736 Group User’s Manual
5–6
5.2.3 Interrupt function
____
The key input interrupt and the INT2 interrupt share the same interrupt vector addresses and interrupt control
register. Specify addresses FFF016 and FFF116 (in order wor
ds, the vector addresses for the INT 2 /key input
interrupt) as the interrupt vector addresses; specify the INT2/key input interrupt control register (address 7F16)
as the interrupt control register. Figure 5.2.4 shows the structure of the INT2/key input interrupt control register
when the key input interrupt function is selected.
The operation at accepting a key input interrupt request is the same as that at accepting an INT2 interrupt
request.
5.2 Block description
____
Fig. 5.2.4 Structure of INT2/key input interrupt control register when key input interrupt function is selected
b7
b6
b5
b4
b3
b2
b1
b0
INT2
/key input interrupt control register (address 7F16)
Bit
4
Must be fixed to “0.”
3
Interrupt request bit
2
1
0
Interrupt priority level selection
bits
Bit name
At reset
Undefined
0
0
0
0
0
0
RW
Functions
0 0 0: Level 0 (Interrupt is disabled.)
0 0 1: Level 1
0 1 0: Level 2
0 1 1: Level 3
1 0 0: Level 4
1 0 1: Level 5
1 1 0: Level 6
1 1 1: Level 7
b2 b1 b0
0: No interrupt request has occurred.
1: Interrupt request has occurred.
5
7
6
Not implemented.
00
Undefined
RW
RW
RW
RW
RW
RW
–
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com