Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 932 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 932 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 928Page - Renesas Technology Corp 7733 Datasheet HTML 929Page - Renesas Technology Corp 7733 Datasheet HTML 930Page - Renesas Technology Corp 7733 Datasheet HTML 931Page - Renesas Technology Corp 7733 Datasheet HTML 932Page - Renesas Technology Corp 7733 Datasheet HTML 933Page - Renesas Technology Corp 7733 Datasheet HTML 934Page - Renesas Technology Corp 7733 Datasheet HTML 935Page - Renesas Technology Corp 7733 Datasheet HTML 936Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 932 / 940 page
background image
7733/7735/7736 Group User’s Manual
Term
Meaning
Relevant term
verb
noun
noun
noun
verb
noun
verb/
noun
noun
verb/
noun
noun
noun
noun
noun
noun
noun
verb
noun
noun
noun
noun
noun
noun
noun
noun
noun
Access
Access
Count up/Countup
Count down
/Countdown
Internal area
Prefetch
External area
Scan output
Stop mode
/Wait mode
MSB first
LSB first
Means one of the following: reading out, writing to,
and both of them.
An accessible memory area. Its capacity is one of the
following; a maximum of 16 Mbytes (for the 7733 Group
or external bus mode A of the 7736 Group) and a
maximum of 1 Mbytes (for the 7735 Group or external
bus mode B of the 7736 Group).
Indicates whether accessible or not.
Means moving the program’s execution point (in other
words, address) to another location regardless of con-
ditions.
__
____
____
____
____
A generic name for ALE, E, RDE, WEL, WEH, RDY,
_____
_____
_____
HOLD
, HLDA, BYTE, and RSMP signals
Means decrementing by 1 and counting.
A signal which is counted by timers A, B, BRG, and
the watchdog timer. It is f2, f16, f64, or f512, which is
selected by the count source selection bits, etc.
Means incrementing by 1 and counting.
A value which can be read out when the timer Ai (Bi)
register is read out. Note that, at the reload timing, it
is the reloaded value (“n”), and not “FFFF16” or “000016.”
Chip select signal (for the 7735 Group or external bus
mode B of the 7736 Group)
Timer which correctly counts the number of external
pulses without using a divider
An accessible area for external devices.
It has a capacity of 1 Mbytes.
A generic name for the external address bus and the
external data bus
A device connected externally to the microcomputer.
A generic name for a memory, an I/O, and a periph-
eral IC.
Means taking an op-code and operand from an
instruction queue buffer into the CPU.
A function which allows the user to control the count
source input of a timer
An accessible internal area.
A generic name for areas of the internal RAM, inter-
nal ROM, and SFR.
A routine which is automatically executed when an
interrupt request is accepted. Set the start address
of this routine into the interrupt vector table.
An interrupt which is generated by a key input
Switches which are arranged in lattice-like form
A function which terminates the stop or the wait
mode by using the key input
A kind of data transfer format of serial I/O. It means
transferring LSB (in other words, the least significant
bit) first.
A clock which is input from pin XIN
A kind of data transfer format of serial I/O. It means
transferring MSB (in other words, the most significant
bit) first.
Access
Accessible area
Access characteristics
Branch
Bus control signal
Count down
/Countdown
Count source
Count up/Countup
Counter
contents(value)
___
CS
Event counter
External area
External bus
External device
Fetch
Gate function
(of timer)
Internal area
Interrupt routine
Key input interrupt
Key matrix
Key-on wakeup
LSB first
Main clock
MSB first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com