Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 934 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 934 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 930Page - Renesas Technology Corp 7733 Datasheet HTML 931Page - Renesas Technology Corp 7733 Datasheet HTML 932Page - Renesas Technology Corp 7733 Datasheet HTML 933Page - Renesas Technology Corp 7733 Datasheet HTML 934Page - Renesas Technology Corp 7733 Datasheet HTML 935Page - Renesas Technology Corp 7733 Datasheet HTML 936Page - Renesas Technology Corp 7733 Datasheet HTML 937Page - Renesas Technology Corp 7733 Datasheet HTML 938Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 934 / 940 page
background image
Rev.
Rev.
No.
date
1.00
First Edition
970425
2.00
The following are revised.
980731
REVISION DESCRIPTION LIST
7733/7735/7736 Group User’s Manual
(1)
Revision Description
Page
PART 1
P2-8
(2) Bit 1:
Zero flag (Z)
PART 1
P2-19
Fig. 2.4.1
PART 1
P21-30
PART 1
P2-21
Fig. 2.4.3
PART 1
P21-3
Fig. 2
PART 2
P21-4
Fig. 2
PART 3
P20-4
Fig. 2
PART 1
P6-47
Line 23
Previous Version
This flag is ignored for an addition instruction in
the decimal mode (the ADC instruction).
Notes 1: •••••
2: When changing these bits, this change
must be performed in an area which is
internal ROM area before and after this
change, for example addresses
008000 16 to 00FFFF16. Also, when
changing these bits, be sure to follow the
procedure listed below.
3: In the M37733S4BFP, M37733S4LHP,
M37735S4BFP, or M37735S4LHP, writ-
ing to address 6316 is disabled.
Omitted.
Revised Version
This flag is ignored for an addition and subtrac-
tion instructions (the ADC and the SBC
instructions) in the decimal mode.
Notes 1: •••••
2: When changing these bits, this change
must be performed in an area which is
internal ROM area before and after this
change, for example addresses
00C00016 to 00FFFF16. Also, when
changing these bits, be sure to follow the
procedure listed below.
3: This figure is applied only to the
H37733MHBXXXFP. For the other mi-
crocomputers, please refer to the latest
datasheets on the English document CD-
ROM or our Web site.
Refer to pages 2 and 3.
Functions
0 0 0 : 124 K (00100016 ‘01FFFF16)
0 0 1 : 120 K (00200016 ‘01FFFF16)
0 1 0 : Do not select.
0 1 1 : Do not select.
1 0 0 : Do not select.
1 0 1 : Do not select.
1 1 0 : 96 K (00800016 ‘01FFFF16)
1 1 1 : 32 K (00800016 ‘00FFFF16)
b2 b1 b0
ROM size (addresses)
Functions
0 0 0 : 124 Kbytes,
3968 bytes
0 0 1 : 120 Kbytes,
3968 bytes
0 1 0 : 60 Kbytes,
2048 bytes
0 1 1 : Do not select.
1 0 0 : 32 Kbytes,
2048 bytes
1 0 1 : 16 Kbytes,
2048 bytes
1 1 0 : 96 Kbytes,
3968 bytes
1 1 1 : Do not select.
b2 b1 b0
ROM size
RAM size
2: When the counter operates as an 8-bit pulse
width modulator, after a trigger occurs, pin
TAiOUT outputs “L” level of which width is
the same as the PWM pulse’s “H” level width
which was set. And then, pin TAiOUT starts
the PWM pulse output.
2: When the counter operates as an 8-bit pulse
width modulator, pin TAiOUT outputs “L”
level of which width is the same as the PWM
pulse’s “H” level width which was set. And
then, pin TAiOUT starts the PWM pulse
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com