Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 938 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 938 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 932Page - Renesas Technology Corp 7733 Datasheet HTML 933Page - Renesas Technology Corp 7733 Datasheet HTML 934Page - Renesas Technology Corp 7733 Datasheet HTML 935Page - Renesas Technology Corp 7733 Datasheet HTML 936Page - Renesas Technology Corp 7733 Datasheet HTML 937Page - Renesas Technology Corp 7733 Datasheet HTML 938Page - Renesas Technology Corp 7733 Datasheet HTML 939Page - Renesas Technology Corp 7733 Datasheet HTML 940Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 938 / 940 page
background image
Rev.
Rev.
No.
date
2.00
980731
(5)
REVISION DESCRIPTION LIST
7733/7735/7736 Group User’s Manual
Revision Description
Page
PART 1
P19-4
Table 19.1.3
PART 1
P21-80
PART 1
P21-82
Line 18
A
 When writing data to the oscillation circuit control register 1
……
• When initializing the clock prescaler
Write data “8016.” (LDM instruction)
Clock prescaler is reset.
• When writing to bits 0 to 2
Write data “0101010116.” (LDM instruction)
Next instruction
Write data “00000XXX16.” (LDM instruction)
Bits 0 to 2 are set.
Ž When writing data to the memory allocation control register
……
Write data “0101010116.” (LDM instruction)
Next instruction
Write data “00001XXX16.” (LDM instruction)
Bits 0 to 2 are set.
A
 When writing data to the oscillation circuit control register 1
……
• When initializing the clock prescaler
Write data “8016.” (LDM instruction)
Clock prescaler is reset.
• When writing to bits 0 to 2
Write data “010101012.” (LDM instruction)
Next instruction
Write data “00001XXX2.” (LDM instruction) (Note)
Bits 0 to 2 are set.
Note: In the case of the 7735 Group, write data “00000XXX2.”
Ž When writing data to the memory allocation control register
……
Write data “010101012.” (LDM instruction)
Next instruction
Write data “00000XXX2.” (LDM instruction)
Bits 0 to 2 are set.
Revised Version
Previous Version
Memory allocation selection bits
Programmable area
b2
b1
b0
0
0
0
0100016–1FFFF16
0
0
1
0200016–1FFFF16
1
1
0
0800016–1FFFF16
1
1
1
0800016–0FFFF16
Memory allocation selection bits
Programmable area
b2
b1
b0
0
0
0
0100016–1FFFF16
0
0
1
0200016–1FFFF16
0
1
0
0100016–0FFFF16
1
0
0
0800016–0FFFF16
1
0
1
0C00016–0FFFF16
1
1
0
0800016–1FFFF16
••••• addresses 00800016 to 00FFFF16.
••••• addresses 00C00016 to 00FFFF16.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com