Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7733 Datasheet(PDF) 935 Page - Renesas Technology Corp

Part # 7733
Description  16-BIT SINGLE-CHIP MICROCOMPUTER
PDF  940 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7733 Datasheet(HTML) 935 Page - Renesas Technology Corp

Back Button 7733 Datasheet HTML 931Page - Renesas Technology Corp 7733 Datasheet HTML 932Page - Renesas Technology Corp 7733 Datasheet HTML 933Page - Renesas Technology Corp 7733 Datasheet HTML 934Page - Renesas Technology Corp 7733 Datasheet HTML 935Page - Renesas Technology Corp 7733 Datasheet HTML 936Page - Renesas Technology Corp 7733 Datasheet HTML 937Page - Renesas Technology Corp 7733 Datasheet HTML 938Page - Renesas Technology Corp 7733 Datasheet HTML 939Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 935 / 940 page
background image
Internal RAM area
2048 bytes
Notes 1: Access to internal ROM area is disabled in the microprocessor mode.
(Refer to section “2.5 Processor modes.”)
2: Banks 1016 to FF16 cannot be accessed in the 7735 Group and in external bus mode B of the 7736 Group.
: Unused area in the single-chip mode
External memory area in the memory
expansion or microprocessor mode
00007F16
00000016
FF000016
02FFFF16
Internal ROM area
60 Kbytes
SFR area
INT0
DBC
Watchdog timer
INT1
INT2/Key input
Timer A0
Timer A1
Timer A2
Timer A3
Timer A4
Timer B0
Timer B1
Timer B2
UART0 reception
UART0 transmission
UART1 reception
UART1 transmission
RESET
Zero divide
BRK instruction
Interrupt vector
table
00FFD616
A-D/UART2 trans./rece.
00008016
00087F16
00100016
FFFFFF16
Internal RAM area
2048 bytes
00FFFF16
01000016
01FFFF16
02000016
(1.9 Kbytes)
00007F16
00000016
Internal ROM area
32 Kbytes
SFR area
00008016
00087F16
00800016
FFFFFF16
00FFFF16
01000016
(29.9 Kbytes)
• Memory allocation selection bits (b2, b1, b0)=(0,1,0)
• ROM size: 60 Kbytes
• RAM size: 2048 bytes
00000016
Peripheral device
control registers
(SFR)
Refer to
Appendix 2.
00007F16
Bank 016
Bank 116
Bank 216
Bank FF16
00FFFE16
• Memory allocation selection bits (b2, b1, b0)=(1,0,0)
• ROM size: 32 Kbytes
• RAM size: 2048 bytes
(2)
REVISION DESCRIPTION LIST
7733/7735/7736 Group User’s Manual
Revised Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com