Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7470 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # 7470
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button 7470 Datasheet HTML 38Page - Renesas Technology Corp 7470 Datasheet HTML 39Page - Renesas Technology Corp 7470 Datasheet HTML 40Page - Renesas Technology Corp 7470 Datasheet HTML 41Page - Renesas Technology Corp 7470 Datasheet HTML 42Page - Renesas Technology Corp 7470 Datasheet HTML 43Page - Renesas Technology Corp 7470 Datasheet HTML 44Page - Renesas Technology Corp 7470 Datasheet HTML 45Page - Renesas Technology Corp 7470 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.10 I/O pins
1-35
1.10 I/O pins
The 7470/7471/7477/7478 group is provided with the following I/O pins.
q I/O port (P0 to P5)
q Reset input (RESET)
q Clock input/output (XIN, XOUT, XCIN, XCOUT)
q A-D convesion reference voltage input (VREF)
q Power supply voltage input (VCC, VSS, AVSS)
Notes 1: The 7470/7477 group is not provided with port P5 and pins XCIN and XCOUT.
2: The AVSS pin is dedicated to the 56P6N-A package product.
For an outline of each pin, refer to “1.5 Pin description.”
1.10.1. I/O port
(1) I/O port writing and reading
2 The input-only pin and the programmable I/O port set as input port
The values (pin states) which input to the input-only pin and to the programmable I/O port set as
input port can be read in by reading the Port register corresponding to each port.
When data is written into the Port register corresponding to each port, it can be only written in the
Port register and has no effect on the pin state.
2 The programmable I/O port set as an output port
The value written into the Port register corresponding to the programmable I/O port set as an
output port is output to the outside by way of a transistor.
When the Port register corresponding to each port has been read, each pin state is not read in
but the value written into the Port register is read. Accordingly, if the output “H” voltage has been
reduced or the output “L” voltage has been increased by an external load, the previous output
value can be correctly read.
Figure 1.10.1 shows the I/O port writing and reading and Table 1.10.1 shows the port register
address allocation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com