Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7470 Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # 7470
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470 Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button 7470 Datasheet HTML 42Page - Renesas Technology Corp 7470 Datasheet HTML 43Page - Renesas Technology Corp 7470 Datasheet HTML 44Page - Renesas Technology Corp 7470 Datasheet HTML 45Page - Renesas Technology Corp 7470 Datasheet HTML 46Page - Renesas Technology Corp 7470 Datasheet HTML 47Page - Renesas Technology Corp 7470 Datasheet HTML 48Page - Renesas Technology Corp 7470 Datasheet HTML 49Page - Renesas Technology Corp 7470 Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.10 I/O pins
1-39
Fig. 1.10.4 Structure of Ports P1 to P5 pull-up control register
b7 b6 b5 b4 b3 b2 b1 b0
Name
b
Function
0
1
At reset
R W
0
0
Ports P1 to P5 pull-up control register [Address
Ports P1 to P5 pull-up control register
3
0
4
0
2
5
0 : No pull-up
1 : Pull-up
6
0
7
0
Notes
Ports P10 to P13
pull-up control bit
Ports P40 to P43 pull-up
control bit
(Note 4)
Ports P24 to P27 pull-up
control bit
(Notes 2, 3)
Ports P20 to P23 pull-up
control bit
(Note 2)
Ports P14 to P17
pull-up control bit
!
!
1 : In the 7470/7477 group, the P1 to P4 Pull-up control register
is provided.
2 : In the 7477/7478 group, nothing is allocated to these bits.
They are undefined at reading.
3 : In the 7470/7477 group, nothing is allocated to these bits.
They are undefined at reading.
4 : The 7470/7477 group is provided with only
??
??
Nothing is allocated for this bit. This is write
disabled bit and is undefined at reading.
Nothing is allocated for this bit. This is write
disabled bit and is undefined at reading.
Ports P50 to P53 pull-up
control bit
(Note 3)
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
0 : No pull-up
1 : Pull-up
00D116]
P40 and P41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com