Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7470 Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # 7470
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470 Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button 7470 Datasheet HTML 67Page - Renesas Technology Corp 7470 Datasheet HTML 68Page - Renesas Technology Corp 7470 Datasheet HTML 69Page - Renesas Technology Corp 7470 Datasheet HTML 70Page - Renesas Technology Corp 7470 Datasheet HTML 71Page - Renesas Technology Corp 7470 Datasheet HTML 72Page - Renesas Technology Corp 7470 Datasheet HTML 73Page - Renesas Technology Corp 7470 Datasheet HTML 74Page - Renesas Technology Corp 7470 Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 361 page
background image
7470/7471/7477/7478 GROUP USER’S MANUAL
1-64
HARDWARE
1.12 Timers
1.12.1 Operation description
In a write operation, the timer latch is specified at the same time when the timer is specified. If the timer
is set to n16, the timer latch is also set to n16 (n: 0016 to FF16). After the timer starts to count,
1 the timer value is counted down as n16
→ (n-1)16 → (n-2)16 → ... → 116 → 016 → FF16 at each rise
of the count source.
2 At the next rise of the count source after “FF16,”
q (n-1)16 resulting from decrementing 1 from the timer latch value is set (reloaded) in the timer and
then the timer continues to count.
q When an overflow occurs, the interrupt request bit is set to “1.”
Note: When the interrupt is accepted, the interrupt request bit changes from “1” to “0.” It can be
clearned to “0” but cannot be set to “1” by software.
Figure 1.12.2 shows a timer count timing.
Fig. 1.12.2 Timer count timing
n16
(n–1)16
!!16
n16
016
(n–2)16 (n–3)16
(n–1)16
(n–1)16 (n–2)16 (n–3)16
Count operation stop
Count start
Count stop bit
Timer count source
Value of timer
Timer interrupt
request bit
Reload
Writing to timer
Read value of timer
(!!+1)16
FF16
116
FF16
(n–1)16
016
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com