Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

7470 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7470
Description  8-BIT SINGLE-CHIP MICROCOMPUTER 740 FAMILY / 7470 SERIES
PDF  361 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7470 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7470 Datasheet HTML 76Page - Renesas Technology Corp 7470 Datasheet HTML 77Page - Renesas Technology Corp 7470 Datasheet HTML 78Page - Renesas Technology Corp 7470 Datasheet HTML 79Page - Renesas Technology Corp 7470 Datasheet HTML 80Page - Renesas Technology Corp 7470 Datasheet HTML 81Page - Renesas Technology Corp 7470 Datasheet HTML 82Page - Renesas Technology Corp 7470 Datasheet HTML 83Page - Renesas Technology Corp 7470 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 361 page
background image
1-73
7470/7471/7477/7478 GROUP USER’S MANUAL
HARDWARE
1.12 Timers
[Setting method]
1 The count operation of a timer to be used is stopped.
Refer to “Table 1.12.2 Setting for count stop.”
2 Set the pulse output mode according to the pulse output mode initial value setting shown in Table
1.12.10. However, set the timer FF register after setting timer mode register 2.
Table 1.12.10 Pulse output mode initial value setting
Note: 0: The initial value becomes “0.”
1: The initial value becomes “1.”
3 Set the pulse output mode according to the pulse output mode setting shown in Table 1.12.11.
The T0 output port and the T1 output port are used in common with P12 and P13, respectively.
Accordingly, set the bit 2 and bit 3 of the port P1 direction register to the output mode.
Table 1.12.11 Pulse output mode setting
4 Set a count value in Timer 1 (T0 output) and Timer 4 (T1 output).
5 When a value is set according to the count start setting shown in Table 1.12.8, the timer starts
to count.
Note: When resetting a value in the Timer FF register, be sure to observe the setting methods of
the above items 1 to 5.
Setting item
Timer to be used
Timer 1
Timer 4
Timer mode register 2
(TM2: Address 00FA16)
Timer FF mode register
(TF: Address 00F716)
b1
–
1
b0
1
–
b1
–
Select (Note)
b0
Select (Note)
–
Timer
Timer 1
Timer 4
Output pin
T0
Timer 1 overflow
signal / 2
T1
Timer 4 overflow
signal / 2
Timer 12 mode register
(T12M: Address 00F816)
b3
1
–
b7
1
b6
0
Timer 34 mode register
(T34M: Address 00F916)
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com